Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3NK90ZFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # P3NK90ZFP
Description  N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P3NK90ZFP Datasheet(HTML) 1 Page - STMicroelectronics

  P3NK90ZFP Datasheet HTML 1Page - STMicroelectronics P3NK90ZFP Datasheet HTML 2Page - STMicroelectronics P3NK90ZFP Datasheet HTML 3Page - STMicroelectronics P3NK90ZFP Datasheet HTML 4Page - STMicroelectronics P3NK90ZFP Datasheet HTML 5Page - STMicroelectronics P3NK90ZFP Datasheet HTML 6Page - STMicroelectronics P3NK90ZFP Datasheet HTML 7Page - STMicroelectronics P3NK90ZFP Datasheet HTML 8Page - STMicroelectronics P3NK90ZFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
November 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
STP3NK90Z - STP3NK90ZFP
STD3NK90Z - STD3NK90Z-1
N-CHANNEL 900V - 4.1
Ω - 3A TO-220/TO-220FP/DPAK/IPAK
Zener-Protected SuperMESH™Power MOSFET
TYPICAL RDS(on) = 4.1 Ω
EXTREMELY HIGH dv/dt CAPABILITY
100% AVALANCHE TESTED
GATE CHARGE MINIMIZED
VERY LOW INTRINSIC CAPACITANCES
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
HIGH CURRENT, HIGH SPEED SWITCHING
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
LIGHTING
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP3NK90Z
STP3NK90ZFP
STD3NK90Z
STD3NK90Z-1
900 V
900 V
900 V
900 V
< 4.8
Ω
< 4.8
Ω
< 4.8
Ω
< 4.8
Ω
3A
3A
3A
3A
90 W
25 W
90 W
90 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP3NK90Z
P3NK90Z
TO-220
TUBE
STP3NK90ZFP
P3NK90ZFP
TO-220FP
TUBE
STD3NK90ZT4
D3NK90Z
DPAK
TAPE & REEL
STD3NK90Z-1
D3NK90Z
IPAK
TUBE
TO-220
TO-220FP
1
2
3
1
3
DPAK
3
2
1
IPAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - P3NK90ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P3NK90Z STMICROELECTRONICS-P3NK90Z Datasheet
563Kb / 24P
N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
20-Aug-2018
More results

Similar Description - P3NK90ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4NK50Z STMICROELECTRONICS-STP4NK50Z Datasheet
664Kb / 13P
N-CHANNEL 500V - 2.4ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Dec-2002
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP5NK40Z STMICROELECTRONICS-STP5NK40Z Datasheet
601Kb / 13P
N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP7NK40Z STMICROELECTRONICS-STP7NK40Z Datasheet
605Kb / 13P
N-CHANNEL 400V-0.85ohm-5.4A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Sep-2002
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
16-Aug-2006
STP3HNK90Z STMICROELECTRONICS-STP3HNK90Z Datasheet
366Kb / 15P
N-channel 900V - 0.35Ω - 3A - TO-220 - TO-220FP Zener-protected SuperMESH??Power MOSFET
10-Aug-2006
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
N-channel 800V - 3.8Ω - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
10-Aug-2006
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
N-channel 800 V, 3.8 Ω, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH™Power MOSFET
07-Sep-2009
STP5NK90Z STMICROELECTRONICS-STP5NK90Z_06 Datasheet
402Kb / 15P
N-channel 900V - 2Ω - 4.5A - TO-220/TO-220FP Zener - Protected SuperMESH??MOSFET
14-Dec-2005
STD2NK90Z STMICROELECTRONICS-STD2NK90Z_06 Datasheet
604Kb / 18P
N-channel 900V - 5Ω - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
27-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com