Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7F10BF0U6TR Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST7F10BF0U6TR
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0U6TR Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST7F10BF0U6TR Datasheet HTML 57Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 58Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 59Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 60Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 61Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 62Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 63Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 64Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 159 page
background image
ST7LITE1xB
61/159
DUAL 12-BIT AUTORELOAD TIMER 4 (Cont’d)
11.2.3.2 Dead Time Generation
A dead time can be inserted between PWM0 and
PWM1 using the DTGR register. This is required
for half-bridge driving where PWM signals must
not be overlapped. The non-overlapping PWM0/
PWM1 signals are generated through a program-
mable dead time by setting the DTE bit.
Dead time value = DT[6:0] x Tcounter1
DTGR[7:0] is buffered inside so as to avoid de-
forming the current PWM cycle. The DTGR effect
will take place only after an overflow.
Notes:
1. Dead time is generated only when DTE=1 and
DT[6:0]
≠ 0. If DTE is set and DT[6:0]=0, PWM out-
put signals will be at their reset state.
2. Half Bridge driving is possible only if polarities of
PWM0 and PWM1 are not inverted, i.e. if OP0 and
OP1 are not set. If polarity is inverted, overlapping
PWM0/PWM1 signals will be generated.
3. Dead Time generation does not work at 1 ms
timebase.
Figure 40. Dead Time Generation
In the above example, when the DTE bit is set:
– PWM goes low at DCR0 match and goes high at
ATR1+Tdt
– PWM1 goes high at DCR0+Tdt and goes low at
ATR match.
With this programmable delay (Tdt), the PWM0
and PWM1 signals which are generated are not
overlapped.
DCR0+1
ATR1
DCR0
Tdt
Tdt
Tdt = DT[6:0] x Tcounter1
PWM 0
PWM 1
CNTR1
CK_CNTR1
Tcounter1
OVF
PWM 0
PWM 1
counter = DCR0
counter = DCR1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com