Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72334J4TC/XXX Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST72334J4TC/XXX
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J4TC/XXX Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST72334J4TC/XXX Datasheet HTML 40Page - STMicroelectronics ST72334J4TC/XXX Datasheet HTML 41Page - STMicroelectronics ST72334J4TC/XXX Datasheet HTML 42Page - STMicroelectronics ST72334J4TC/XXX Datasheet HTML 43Page - STMicroelectronics ST72334J4TC/XXX Datasheet HTML 44Page - STMicroelectronics ST72334J4TC/XXX Datasheet HTML 45Page - STMicroelectronics ST72334J4TC/XXX Datasheet HTML 46Page - STMicroelectronics ST72334J4TC/XXX Datasheet HTML 47Page - STMicroelectronics ST72334J4TC/XXX Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
44/150
I/O PORTS (Cont’d)
11.4 LOW POWER MODES
11.5 INTERRUPTS
The external interrupt event generates an interrupt
if the corresponding configuration is selected with
DDR and OR registers and the I-bit in the CC reg-
ister is reset (RIM instruction).
Table 9. Port Configuration
Mode
Description
WAIT
No effect on I/O ports. External interrupts
cause the device to exit from Wait mode.
HALT
No effect on I/O ports. External interrupts
cause the device to exit from Halt mode.
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
External interrupt
on selected exter-
nal event
-
DDRx
ORx
Yes
Yes
Port
Pin name
Input
Output
OR = 0
OR = 1
OR = 0
OR = 1
High-Sink
Port A
PA7:6
floating
true open-drain
Yes
PA5:4
floating
pull-up
open drain
push-pull
PA3
floating
floating interrupt
open drain
push-pull
No
PA2:0
floating
pull-up interrupt
open drain
push-pull
Port B
PB4:3
floating
floating interrupt
open drain
push-pull
PB7:5, PB2:0
floating
pull-up interrupt
open drain
push-pull
Port C
PC7:4, PC1:0
floating
pull-up
open drain
push-pull
PC3:2
floating
pull-up
open drain
push-pull
Yes
Port D
PD7:0
floating
pull-up
open drain
push-pull
No
Port E
PE7:4
floating
pull-up
open drain
push-pull
Yes
PE1:0
floating
pull-up
open drain
push-pull
No
Port F
PF7:6
floating
pull-up
open drain
push-pull
Yes
PF4
floating
pull-up
open drain
push-pull
No
PF2
floating
floating interrupt
open drain
push-pull
PF1:0
floating
pull-up interrupt
open drain
push-pull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com