Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2503ACPZ-2.8-R71 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2503ACPZ-2.8-R71
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2503ACPZ-2.8-R71 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2503ACPZ-2.8-R71 Datasheet HTML 8Page - Analog Devices ADP2503ACPZ-2.8-R71 Datasheet HTML 9Page - Analog Devices ADP2503ACPZ-2.8-R71 Datasheet HTML 10Page - Analog Devices ADP2503ACPZ-2.8-R71 Datasheet HTML 11Page - Analog Devices ADP2503ACPZ-2.8-R71 Datasheet HTML 12Page - Analog Devices ADP2503ACPZ-2.8-R71 Datasheet HTML 13Page - Analog Devices ADP2503ACPZ-2.8-R71 Datasheet HTML 14Page - Analog Devices ADP2503ACPZ-2.8-R71 Datasheet HTML 15Page - Analog Devices ADP2503ACPZ-2.8-R71 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP2503/ADP2504
Preliminary Technical Data
APPLICATIONS INFORMATION
INDUCTOR SELECTION
The high 2.5 MHz switching frequency of the ADP2503/
ADP2504 allows for minimal output voltage ripple, while
minimizing inductor size and cost. Careful inductor selection
also optimizes efficiency and reduces electromagnetic interfe­
rence (EMI). The selection of the inductor value determines the
inductor current ripple and loop dynamics.
V
OUT × (VIN − VOUT )
ΔI , peak (Buck) =
L
V
× f
× L
IN
OSC
(V
OUT − VIN )
V
ΔI
L , peak (Boost) =
×
IN
V
f
× L
OUT
OSC
where fOSC is the switching frequency (typically 2.5 MHz),
and L is the inductor value in henries.
A larger inductor value reduces the current ripple (and
therefore peak inductor current), but is physically larger in size
with increased dc resistance. Inductor values between 1 μH and
1.5 μH are usually suggested. The maximum inductor value to
ensure stability is 2.0 μH. For increased efficiency with the
ADP2504, it is suggested a 1.5 μH inductor be used.
The inductor peak current is at the maximum in boost mode.
To determine the actual maximum inductor current in boost
mode, the input dc current should be estimated.
⎛ V
OUT ⎞
1
I
IN (MAX) = I LOAD(MAX) ×
⎜⎜
⎟⎟×
V
IN
⎠ η
⎝
where η is efficiency (assume η ≈ 0.85 to 0.90).
The saturation current rating of the inductor must be at least
IIN(MAX) + ΔILOAD/2.
Ceramic multilayer inductors can be used with lower current
designs for a reduced overall solution size and dc resistance (DCR).
These are available in low profile packages. Care must be taken as
these derate quickly as the inductor value is increased especially at
higher operating temperatures.
Ferrite core inductors have good core loss characteristics as well as
reasonable dc resistance. A shielded ferrite inductor reduces the
EMI generated by the inductor.
Table 5. Recommended Output Capacitors
Table 4. Sample of Recommended Inductors
Vendor
Value
(μH)
Part No.
DCR
(mΩ)
ISAT
(A)
Dimensions
L × W × H
(mm)
Toko
Toko
Toko
Murata
Murata
TDK
TDK
Coilcraft
Coilcraft
1.2
1.5
1
1
1.5
1.0
1.5
1.0
1.5
DE2810C
DE2810C
MDT2520-CN
LQM2HP-G0
LQM2HP-G0
CPL2512T
CPL2512T
LPS3010
LPS3010
55
60
100
55
70
90
120
85
120
1.7
1.5
1.8
1.6
1.5
1.5
1.2
1.7
1.3
2.8 × 2.8 × 1.0
2.8 × 2.8 × 1.0
2.5 × 2 × 1.2
2.5 × 2 × 1
2.5 × 2 × 1
2.5 × 1.5 × 1.2
2.5 × 1.5 × 1.2
3.0 × 3.0 × 0.9
3.0 × 3.0 × 0.9
Output Capacitor Selection
The output capacitor selection determines the output voltage
ripple, transient response and the loop dynamics of the
ADP2503/ADP2504. The output voltage ripple for a given
output capacitor is given by
V
× (V − V
)
OUT
IN
OUT
ΔV
, peak (Buck) =
OUT
2
V
× 8 × L ×
(f ) ×C
IN
OSC
OUT
I
LOAD× (VOUT − VIN )
ΔV
OUT, peak (Boost ) = C
×V
× f
OUT
OUT
OSC
If the ADP2503/ADP2504 are operating in buck mode, the
worst-case voltage ripple occurs for the highest input voltage,
VIN. If the ADP2503/ADP2504 are operating in boost mode, the
worst-case voltage ripple occurs for the lowest input voltage, VIN.
The maximum voltage overshoot, or undershoot is inversely
proportional to the value of the output capacitor. To ensure
stability and excellent transient response, it is recommended to
use a minimum of 22 μF X5R 6.3 V or 2 × 10 μF X5R 6.3 V
capacitors at the output. The effective capacitance (includes
temperature, dc bias effects) needed for stability is 14 μF.
Vendor
Value
Part No.
Dimensions
L × W × H (mm)
Murata
2 × 10 μF, 6.3 V
GRM188R60J106ME47
1.6 × 0.8 × 0.8 (2)
TDK
2 × 10 μF, 6.3 V
C1608JB0J106K
1.6 × 0.8 × 0.8 (2)
Murata
22 μF, 6.3 V
GRM21BR60J226ME39
2 × 1.25 × 1.25
TDK
22 μF, 6.3 V
C2012X5R0J226M
2 × 1.25 × 1.25
TDK
22 μF, 10 V
C3216X5R1A226K
2 × 1.25 × 1.25
Murata
10 μF, 10 V
GRM21BR71A106KE51L
2 × 1.25 × 1.25 (2)
Rev. PrB | Page 12 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com