Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMDKBGABBA45W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZMDKBGABBA45W
Description  3.5x2.8mm SURFACE MOUNT LED LAMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMDKBGABBA45W Datasheet(HTML) 1 Page - SunLED Corporation

  ZMDKBGABBA45W Datasheet HTML 1Page - SunLED Corporation ZMDKBGABBA45W Datasheet HTML 2Page - SunLED Corporation ZMDKBGABBA45W Datasheet HTML 3Page - SunLED Corporation ZMDKBGABBA45W Datasheet HTML 4Page - SunLED Corporation ZMDKBGABBA45W Datasheet HTML 5Page - SunLED Corporation ZMDKBGABBA45W Datasheet HTML 6Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.SunLED.com
Published Date : FEB 25,2008
Drawing No : SDSA5823
V2
Checked : B.L.LIU
P.1/6
Part Number:
ZMDKBGABBA45W
3.5x2.8mm SURFACE MOUNT LED LAMP
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZMDKBGABBA45W
Red
InGaAlP
70
198
650
120°
Green
InGaN
70
198
520
Blue
InGaN
36
69
468
Water Clear
Absolute Maximum Ratings
(TA=25°C)
MDK
(InGa
AlP)
BGA
(InGa
N)
BBA
(InGa
N)
Unit
Reverse Voltage
VR
5
5
5
V
Forward Current
IF
30
30
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
185
100
100
mA
Power Dissipation
PT
75
120
120
mW
-
1000
1000
V
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Electrostatic Discharge Threshold
(HBM)
MDK
(InGa
AlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.95
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
650
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
635
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
28
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
35
pF
Operating Characteristics
(TA=25°C)
BBA
(InGa
N)
3.2
4.0
10
468
470
21
100
BGA
(InGa
N)
3.2
4.0
10
520
525
35
100
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
PRELIMINARY SPEC
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice
.
Features
●SUITABLE FOR ALL SMT ASSEMBLY AND
SOLDER PROCESS.
●AVAILABLE ON TAPE AND REEL.
●PACKAGE: 1500PCS / REEL.
●MOISTURE SENSITIVITY LEVEL : LEVEL 4.
●RoHS COMPLIANT.


Similar Part No. - ZMDKBGABBA45W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDKBBA45W SUNLED-ZMDKBBA45W Datasheet
243Kb / 5P
3.5x2.8mm PLCC4 SMD LED
ZMDKBBA55W-7 SUNLED-ZMDKBBA55W-7 Datasheet
218Kb / 5P
3.2mm x 1.6mm BI-COLOR SURFACE MOUNT LED LAMP
ZMDKBBA55W-8 SUNLED-ZMDKBBA55W-8 Datasheet
225Kb / 5P
3.2x1.6mm SMD CHIP LED LAMP
ZMDKBBA56W SUNLED-ZMDKBBA56W Datasheet
225Kb / 5P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMDKBBA57W SUNLED-ZMDKBBA57W Datasheet
228Kb / 5P
3.0x2.5mm SURFACE MOUNT LED LAMP
More results

Similar Description - ZMDKBGABBA45W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528WG1S KINGBRIGHT-AA3528WG1S Datasheet
280Kb / 6P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528LSYCKT-J3 KINGBRIGHT-AA3528LSYCKT-J3 Datasheet
301Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528SECKT-J4 KINGBRIGHT-AA3528SECKT-J4 Datasheet
264Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528SYCKT-AMT KINGBRIGHT-AA3528SYCKT-AMT Datasheet
328Kb / 6P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528ZGC-G KINGBRIGHT-AA3528ZGC-G Datasheet
265Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528ZGCK KINGBRIGHT-AA3528ZGCK Datasheet
298Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528ESGCT KINGBRIGHT-AAA3528ESGCT Datasheet
328Kb / 6P
3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528LSEEZGKQBKS KINGBRIGHT-AAA3528LSEEZGKQBKS Datasheet
355Kb / 8P
3.5x2.8mm SURFACE MOUNT LED LAMP
AAAF3529LSEEZGKQBKS KINGBRIGHT-AAAF3529LSEEZGKQBKS Datasheet
397Kb / 8P
3.5x2.8mm SURFACE MOUNT LED LAMP
AAAF3529LSEKJ3ZGKQBS KINGBRIGHT-AAAF3529LSEKJ3ZGKQBS Datasheet
376Kb / 8P
3.5x2.8mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com