Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2503ACPZ-3.5-R71 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2503ACPZ-3.5-R71
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2503ACPZ-3.5-R71 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2503ACPZ-3.5-R71 Datasheet HTML 8Page - Analog Devices ADP2503ACPZ-3.5-R71 Datasheet HTML 9Page - Analog Devices ADP2503ACPZ-3.5-R71 Datasheet HTML 10Page - Analog Devices ADP2503ACPZ-3.5-R71 Datasheet HTML 11Page - Analog Devices ADP2503ACPZ-3.5-R71 Datasheet HTML 12Page - Analog Devices ADP2503ACPZ-3.5-R71 Datasheet HTML 13Page - Analog Devices ADP2503ACPZ-3.5-R71 Datasheet HTML 14Page - Analog Devices ADP2503ACPZ-3.5-R71 Datasheet HTML 15Page - Analog Devices ADP2503ACPZ-3.5-R71 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary Technical Data
ADP2503/ADP2504
Input Capacitor Selection
The ADP2503/ADP2504 require an input capacitor to filter
noise on the VIN pin, and provide the transient currents while
maintaining constant input and output voltage. A 10 μF X5R/
X7R ceramic capacitor rated for 6.3 V is the minimum recom­
mended input capacitor. Increased input capacitance reduces
the amplitude of the switching frequency ripple on the battery.
Because of the dc bias characteristics of ceramic capacitors, a
0603, 6.3 V X5R/X7R, 10 μF ceramic capacitor is preferable.
Table 6. Recommended Input Capacitors
Dimensions
L × W × H
Vendor
Value
Part No.
(mm)
Murata
10 μF, 6.3 V
GRM188R60J106ME47
1.6 × 0.8 × 0.8
TDK
10 μF, 6.3 V
C1608JB0J106K
1.6 × 0.8 × 0.8
Rev. PrB | Page 13 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com