Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6253CM6/XXX Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST6253CM6/XXX
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6253CM6/XXX Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST6253CM6/XXX Datasheet HTML 47Page - STMicroelectronics ST6253CM6/XXX Datasheet HTML 48Page - STMicroelectronics ST6253CM6/XXX Datasheet HTML 49Page - STMicroelectronics ST6253CM6/XXX Datasheet HTML 50Page - STMicroelectronics ST6253CM6/XXX Datasheet HTML 51Page - STMicroelectronics ST6253CM6/XXX Datasheet HTML 52Page - STMicroelectronics ST6253CM6/XXX Datasheet HTML 53Page - STMicroelectronics ST6253CM6/XXX Datasheet HTML 54Page - STMicroelectronics ST6253CM6/XXX Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
51/84
ST62T53C/T60C/T63C ST62E60C
AUTO-RELOAD TIMER (Cont’d)
AR Status Control Register 1(ARSC1)
Address: D7h
—
Read/Write
Bist 7-5 = PS2-PS0:
Prescaler Division Selection
Bits 2-0. These bits determine the Prescaler divi-
sion ratio. The prescaler itself is not affected by
these bits. The prescaler division ratio is listed in the
following table:
Table 13. Prescaler Division Ratio Selection
Bit 4 = D4:
Reserved. Must be kept reset.
Bit 3-2 = SL1-SL0:
Timer Input Edge Control Bits 1-
0. These bits control the edge function of the Timer
input pin for external synchronization. If bit SL0 is re-
set, edge detection is disabled; if set edge detection
is enabled. If bit SL1 is reset, the AR Timer input pin
is rising edge sensitive; if set, it is falling edge sen-
sitive.
Bit 1-0 = CC1-CC0:
Clock Source Select Bit 1-0.
These bits select the clock source for the AR Timer
through the AR Multiplexer. The programming of
the clock sources is explained in the following Table
14:
Table 14. Clock Source Selection.
AR Load Register ARLR. The ARLR load register
is used to read or write the ARTC counter register
“on the fly” (while it is counting). The ARLR regis-
ter is not affected by system reset.
AR Load Register (ARLR)
Address: DBh
—
Read/Write
Bit 7-0 = D7-D0:
Load Register Data Bits. These
are the load register data bits.
AR Reload/Capture Register. The ARRC reload/
capture register is used to hold the auto-reload
value which is automatically loaded into the coun-
ter when overflow occurs.
AR Reload/Capture (ARRC)
Address: D9h
—
Read/Write
Bit 7-0 = D7-D0:
Reload/Capture Data Bits. These
are the Reload/Capture register data bits.
AR Compare Register. The CP compare register
is used to hold the compare value for the compare
function.
AR Compare Register (ARCP)
Address: DAh
—
Read/Write
Bit 7-0 = D7-D0:
Compare Data Bits. These are
the Compare register data bits.
70
PS2
PS1
PS0
D4
SL1
SL0
CC1
CC0
PS2
PS1
PS0
ARPSC Division Ratio
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
1
2
4
8
16
32
64
128
SL1
SL0
Edge Detection
X
0
Disabled
0
1
Rising Edge
1
1
Falling Edge
CC1
CC0
Clock Source
00
Fint
01
Fint Divided by 3
1
0
ARTIMin Input Clock
1
1
Reserved
70
D7
D6
D5
D4
D3
D2
D1
D0
70
D7
D6
D5
D4
D3
D2
D1
D0
70
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com