Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6253CM3/XXX Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST6253CM3/XXX
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6253CM3/XXX Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST6253CM3/XXX Datasheet HTML 18Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 19Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 20Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 21Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 22Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 23Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 24Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 25Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
22/84
ST62T53C/T60C/T63C ST62E60C
CLOCK SYSTEM (Cont’d)
Figure 12. Clock Circuit Block Diagram
Figure 13. Maximum Operating Frequency (fMAX) versus Supply Voltage (VDD)
Notes:
1. In this area, operation is guaranteed at the
quartz crystal frequency.
2. When the OSG is disabled, operation in this
area is guaranteed at the crystal frequency. When
the OSG is enabled, operation in this area is guar-
anteed at a frequency of at least fOSG Min.
3. When the OSG is disabled, operation in this
area is guaranteed at the quartz crystal frequency.
When the OSG is enabled, access to this area is
prevented. The internal frequency is kept a fOSG.
4. When the OSG is disabled, operation in this
area is not guaranteed
When the OSG is enabled, access to this area is
prevented. The internal frequency is kept at fOSG.
MAIN
OSCILLATOR
OSG
LFAO
M
U
X
Core
: 13
: 12
: 1
TIMER 1
Watchdog
POR
fINT
Main Oscillator off
OSCILLATOR
DIVIDER
RS0,RS1
1
2.5
3.644.5
55.5
6
8
7
6
5
4
3
2
Maximum FREQUENCY (MHz)
SUPPLY VOLTAGE (VDD)
3
4
3
2
1
fOSG
fOSG Min (at 85°C)
VR01807J
fOSG Min (at 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com