Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2503ACPZ-4.5-R71 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP2503ACPZ-4.5-R71
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2503ACPZ-4.5-R71 Datasheet(HTML) 5 Page - Analog Devices

  ADP2503ACPZ-4.5-R71 Datasheet HTML 1Page - Analog Devices ADP2503ACPZ-4.5-R71 Datasheet HTML 2Page - Analog Devices ADP2503ACPZ-4.5-R71 Datasheet HTML 3Page - Analog Devices ADP2503ACPZ-4.5-R71 Datasheet HTML 4Page - Analog Devices ADP2503ACPZ-4.5-R71 Datasheet HTML 5Page - Analog Devices ADP2503ACPZ-4.5-R71 Datasheet HTML 6Page - Analog Devices ADP2503ACPZ-4.5-R71 Datasheet HTML 7Page - Analog Devices ADP2503ACPZ-4.5-R71 Datasheet HTML 8Page - Analog Devices ADP2503ACPZ-4.5-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary Technical Data
ADP2503/ADP2504
PIN CONFIGURATION AND FUNCTION DESCRIPTION
VOUT 1
*CONNECT PADDLE TO GND.
TOP VIEW
(Not to scale)
ADP2503/
ADP2504
10 FB
SW2 2
9AGND
PGND 3
8VIN
SW1 4
7SYNC
PVIN 5
6EN
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT
The output of the ADP2503/ADP2504. Connect the output capacitor between VOUT and PGND.
2
SW2
Power Switch 2 Connection. This is the internal connection to the input PMOS and NMOS switches.
Connect SW2 to the inductor with a short, wide track.
3
PGND
Power GND. Connect the input and output capacitors and PGND pin to a PGND plane.
4
SW1
Power Switch 1 Connection. This is the internal connection to the output PMOS and NMOS switches.
Connect SW1 to the inductor with a short, wide track.
5
PVIN
Power Input. This the input to the buck-boost power switches. Place a 10 μF capacitor between PVIN and
PGND as close as possible to the ADP2503/ADP2504.
6
EN
Enable. Drive EN high to turn on the ADP2503/ADP2504. Bring EN low to put the part into shutdown
mode.
7
SYNC
The SYNC pin permits the ADP2503/ADP2504 to operate in three different modes.
Normal operation: with SYNC driven low, the ADP2503/ADP2504 operates at 2.5 MHz PWM mode for
heavy and medium loads, and moves to power save mode (PSM) mode for light loads.
Forced PWM operation: with SYNC driven high, the ADP2503/ADP2504 operates at fixed 2.5 MHz PWM
mode for all load conditions.
SYNC mode: to synchronize the ADP2503/ADP2504 switching to an external signal, drive this pin with a
clock between 2.2 MHz and 2.8 MHz. The SYNC signal must have on and off times greater than 160 ns.
8
VIN
Analog Power Supply. This is the supply for the ADP2503/ADP2504 internal circuitry.
9
AGND
Analog Ground.
10
FB
Output Feedback. This is an input to the internal error amplifier.
EP
Paddle
Connect the paddle to PGND.
Rev. PrB | Page 5 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com