Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT7F120B Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT7F120B
Description  N-Channel FREDFET 1200V, 7A, 2.90廓 Max, trr ??90ns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT7F120B Datasheet(HTML) 2 Page - Microsemi Corporation

  APT7F120B Datasheet HTML 1Page - Microsemi Corporation APT7F120B Datasheet HTML 2Page - Microsemi Corporation APT7F120B Datasheet HTML 3Page - Microsemi Corporation APT7F120B Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Static Characteristics
TJ = 25°C unless otherwise specified
Source-Drain Diode Characteristics
Dynamic Characteristics
TJ = 25°C unless otherwise specified
APT7F120B_S
1 Repetitive Rating: Pulse width and case temperature limited by maximum junction temperature.
2 Starting at T
J = 25°C, L = 127.78mH, RG = 4.7Ω, IAS = 3A.
3 Pulse test: Pulse Width < 380µs, duty cycle < 2%.
4 C
o(cr) is defined as a fixed capacitance with the same stored charge as COSS with VDS = 67% of V(BR)DSS.
5 C
o(er) is defined as a fixed capacitance with the same stored energy as COSS with VDS = 67% of V(BR)DSS. To calculate Co(er) for any value of
V
DS less than V(BR)DSS, use this equation: Co(er) = -1.17E-7/VDS^2 + 1.42E-8/VDS + 2.01E-11.
6 R
G is external gate resistance, not including internal gate resistance or gate driver impedance. (MIC4452)
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
G
D
S
Unit
V
V/°C
Ω
V
mV/°C
µA
nA
Unit
S
pF
nC
ns
Unit
A
V
ns
µC
A
V/ns
Min
Typ
Max
1200
1.41
2.07
2.90
3
4
5
-10
250
1000
±100
Min
Typ
Max
8
2565
31
190
75
38
80
13
37
14
8
45
13
Min
Typ
Max
7
28
1.0
190
325
0.64
1.45
7.5
10.7
25
Test Conditions
V
GS = 0V, ID = 250µA
Reference to 25°C, I
D = 250µA
V
GS = 10V, ID = 3A
V
GS = VDS, ID = 1mA
V
DS = 1200V
T
J = 25°C
V
GS = 0V
T
J = 125°C
V
GS = ±30V
Test Conditions
V
DS = 50V, ID = 3A
V
GS = 0V, VDS = 25V
f = 1MHz
V
GS = 0V, VDS = 0V to 800V
V
GS = 0 to 10V, ID = 3A,
V
DS = 600V
Resistive Switching
V
DD = 800V, ID = 3A
R
G = 4.7Ω
6
, V
GG = 15V
Test Conditions
MOSFET symbol
showing the
integral reverse p-n
junction diode
(body diode)
I
SD = 3A, TJ = 25°C, VGS = 0V
T
J = 25°C
T
J = 125°C
I
SD = 3A
3
T
J = 25°C
di
SD/dt = 100A/µs
T
J = 125°C
V
DD = 100V
T
J = 25°C
T
J = 125°C
I
SD ≤ 3A, di/dt ≤1000A/µs, VDD = 800V,
T
J = 125°C
Parameter
Drain-Source Breakdown Voltage
Breakdown Voltage Temperature Coefficient
Drain-Source On Resistance 3
Gate-Source Threshold Voltage
Threshold Voltage Temperature Coefficient
Zero Gate Voltage Drain Current
Gate-Source Leakage Current
Parameter
Forward Transconductance
Input Capacitance
Reverse Transfer Capacitance
Output Capacitance
Effective Output Capacitance, Charge Related
Effective Output Capacitance, Energy Related
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Turn-On Delay Time
Current Rise Time
Turn-Off Delay Time
Current Fall Time
Parameter
Continuous Source Current
(Body Diode)
Pulsed Source Current
(Body Diode) 1
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
Peak Recovery dv/dt
Symbol
V
BR(DSS)
∆V
BR(DSS)/∆TJ
R
DS(on)
V
GS(th)
∆V
GS(th)/∆TJ
I
DSS
I
GSS
Symbol
g
fs
C
iss
C
rss
C
oss
C
o(cr)
4
C
o(er)
5
Q
g
Q
gs
Q
gd
t
d(on)
t
r
t
d(off)
t
f
Symbol
I
S
I
SM
V
SD
t
rr
Q
rr
I
rrm
dv/dt



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com