Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2504ACPZ-3.5-R71 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2504ACPZ-3.5-R71
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2504ACPZ-3.5-R71 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2504ACPZ-3.5-R71 Datasheet HTML 4Page - Analog Devices ADP2504ACPZ-3.5-R71 Datasheet HTML 5Page - Analog Devices ADP2504ACPZ-3.5-R71 Datasheet HTML 6Page - Analog Devices ADP2504ACPZ-3.5-R71 Datasheet HTML 7Page - Analog Devices ADP2504ACPZ-3.5-R71 Datasheet HTML 8Page - Analog Devices ADP2504ACPZ-3.5-R71 Datasheet HTML 9Page - Analog Devices ADP2504ACPZ-3.5-R71 Datasheet HTML 10Page - Analog Devices ADP2504ACPZ-3.5-R71 Datasheet HTML 11Page - Analog Devices ADP2504ACPZ-3.5-R71 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1
3
ADP2503/ADP2504
Preliminary Technical Data
VIN = 3.0V TO 3.6V
SW1
VIN
VOUT = 2.8V
SW1
4
4
2
SW2
IOUT
2
3
VOUT
VOUT
VIN = 3.6V
VOUT = 3.3V
1
CH1 50.0mV
B
W CH4 1.00V
B
W
M40.0µs
A CH2
3.40mV
CH1 100mV BW CH2 500mA Ω
M100µs
A CH2
–115mA
B
T
45.40%
CH3 5.00V B
CH4 5.00V B
T
18.20%
CH4 2.00V
W
W
W
Figure 15. Line Transient, PWM Mode (VIN = 3.0 V to 3.6 V, VOUT = 2.8 V)
Figure 18. Mode Change by Load Transients, Load Rise (VOUT = 3.3 V)
VIN = 3.6V
VOUT = 3.3V
SW1
VOUT
1
IOUT
4
2
IOUT
SW1
4
2
VIN = 3.6V
VOUT = 3.3V
SW2
VOUT
1
CH1 100mV
B
W CH2 250mA Ω M100µs
A CH2
60.0mA
CH1 100mV BW CH2 500mA Ω
M100µs
A CH2
410mA
CH3 5.00V B
CH4 5.00V B
T
25.80%
W
W
CH4 2.00V BW
T
45.40%
Figure 16. Load Transient (VIN = 3.6 V VOUT = 3.3 V, IOUT = 100 mA to 350 mA)
Figure 19. Mode Change by Load Transients, Load Fall (VOUT = 3.3 V)
1
IOUT
VOUT
VIN = 3.6V
VOUT = 3.3V
3
SW2
VIN = 4.0V
VOUT = 3.3V
2
4
SW1
SW1
ISW
4
2
SW2
VOUT
1
CH1 100mV
B
W CH2 250mA Ω
M100µs
A CH2
60.0mA
B
CH1 50.0mV
CH2 250mA
Ω
M 400ns
A CH3
2.40V
W
B
CH3 5.00V B
CH4 5.00V
T
23.00%
W
W
B
B
T
50.00%
CH3 5.00V
CH4 5.00V
W
W
Figure 17. Load Transient (VIN = 3.6 V VOUT = 3.3 V, IOUT = 10 mA to 300 mA)
Figure 20. Typical PWM Switching Waveform, Buck Operation (VOUT = 3.3 V)
Rev. PrB | Page 8 of 16
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com