Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP45NE06FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP45NE06FP
Description  N - CHANNEL 60V - 0.022ohm - 45A - TO-220/TO-220FP STripFETO POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP45NE06FP Datasheet(HTML) 1 Page - STMicroelectronics

  STP45NE06FP Datasheet HTML 1Page - STMicroelectronics STP45NE06FP Datasheet HTML 2Page - STMicroelectronics STP45NE06FP Datasheet HTML 3Page - STMicroelectronics STP45NE06FP Datasheet HTML 4Page - STMicroelectronics STP45NE06FP Datasheet HTML 5Page - STMicroelectronics STP45NE06FP Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STP45NE06
STP45NE06FP
N - CHANNEL 60V - 0.022
Ω - 45A - TO-220/TO-220FP
STripFET
™ POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.022
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
LOW GATE CHARGE 100
oC
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power Mosfet is the latest development of
SGS-THOMSON unique "Single Feature Size
™ "
strip-based
process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalance characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
STP45NE06
STP45NE06FP
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
60
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc = 25
o C45
25
A
ID
Drain Current (continuous) at Tc = 100
oC
31
17.5
A
IDM(
•)
Drain Current (pulsed)
180
180
A
Ptot
Total Dissipation at Tc = 25
oC100
35
W
Derating Factor
0.67
0.23
W/
oC
VISO
Insulation Withstand Voltage (DC)
2000
V
dv/dt
Peak Diode Recovery voltage slope
7
V/ns
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
(1) ISD
≤ 20 A, di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STP45NE06
STP45NE06FP
60 V
60 V
< 0.028
Ω
< 0.028
Ω
45 A
25 A
June 1998
TO-220
TO-220FP
1
2
3
1
2
3
1/6


Similar Part No. - STP45NE06FP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP45NE06FP ISC-STP45NE06FP Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP45NE06FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP20NE06 STMICROELECTRONICS-STP20NE06 Datasheet
104Kb / 9P
N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
Jun-1999
STP20NE06L STMICROELECTRONICS-STP20NE06L Datasheet
104Kb / 9P
N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
Apr-1999
STP36NE06 STMICROELECTRONICS-STP36NE06 Datasheet
112Kb / 9P
N - CHANNEL 60V - 0.032ohm - 36A - TO-220/TO-220FP STripFET POWER MOSFET
Jul-1998
STP45NE06L STMICROELECTRONICS-STP45NE06L Datasheet
88Kb / 6P
N - CHANNEL 60V - 0.022ohm - 45A - TO-220/TO-220FP STripFET POWER MOSFET
Jun-1999
STP45NF06 STMICROELECTRONICS-STP45NF06 Datasheet
114Kb / 6P
N-CHANNEL 60V - 0.022ohm - 38A TO-220 STripFET™ POWER MOSFET
Nov-2000
STP45NF06L STMICROELECTRONICS-STP45NF06L Datasheet
441Kb / 10P
N-CHANNEL 60V - 0.022ohm - 38A TO-220 / D2PAK STripFET™ II POWER MOSFET
Sep-2002
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STP60NF06FP STMICROELECTRONICS-STP60NF06FP Datasheet
330Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET™ POWER MOSFET
Jan-2002
STP36NF06 STMICROELECTRONICS-STP36NF06_07 Datasheet
336Kb / 14P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
21-Feb-2007
logo
New Jersey Semi-Conduct...
STP36NE06 NJSEMI-STP36NE06 Datasheet
153Kb / 3P
N - CHANNEL 60V - 0.032Q - 36A - TO-220/TO-220FP STripFET??POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com