Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3721 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3721
Description  Power Monitor IC with Analog Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3721 Datasheet(HTML) 2 Page - International Rectifier

  IR3721 Datasheet HTML 1Page - International Rectifier IR3721 Datasheet HTML 2Page - International Rectifier IR3721 Datasheet HTML 3Page - International Rectifier IR3721 Datasheet HTML 4Page - International Rectifier IR3721 Datasheet HTML 5Page - International Rectifier IR3721 Datasheet HTML 6Page - International Rectifier IR3721 Datasheet HTML 7Page - International Rectifier IR3721 Datasheet HTML 8Page - International Rectifier IR3721 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IR3721
DATA SHEET
Page 2 of 16
www.irf.com
07/14/08
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings (Referenced to GND)
VDD:.................................................................3.9V
All other Analog and Digital pins......................3.9V
Operating Junction Temperature .... -10°C to 150°C
Storage Temperature Range .......... -65°C to 150°C
ESD Rating ............HBM Class 2 JEDEC Standard
MSL Rating ..................................................Level 2
Reflow Temperature ..................................... 260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications are not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply: VDD = 3.3V ± 5%, 0
oC ≤ T
J ≤ 125
oC, 0.5 ≤ Vo ≤ 1.8 V, and
operation in the typical application circuit. See notes following table.
NOTES:
1.
Guaranteed by design
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
BIAS SUPPLY
VDD Turn-on Threshold, VDDUP
3.10
V
VDD Turn-off Threshold, VDDDN
2.4
V
VDD UVLO Hysteresis
DI output low when off
75
mV
VDD Operating Current, ICC
350
450
μA
VOLTAGE REFERENCE
VRT Voltage
RT = 25.5k Ω
1.452
1.493
1.535
V
RT resistance range
Note 1
25.5
k
Ω
ΔΣ CONVERTER
Vo common mode range
0.5
1.8
V
Duty Ratio Accuracy
VDCR=20 mV, VO=1V,
RT=25.5kΩ, RCS1+RCS2=600 Ω
Tj=65°C, Note 1
2.5
%
Duty Ratio Accuracy
VDCR=20 mV, VO=1V,
RT=25.5kΩ, RCS1+RCS2=600 Ω,
Note 1
4
%
Sampling frequency, fCLK
435
512
589
kHz
Comparator Offset
-0.5
+0.5
mV
CS pin input current, ICS
DI output low
-250
+250
nA
DIGITAL OUTPUT
VK pin voltage range
0.5
1.8
V
DI source resistance
1250
2000
3000
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com