Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT2-EPB2/UK Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7MDT2-EPB2/UK
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-EPB2/UK Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7MDT2-EPB2/UK Datasheet HTML 8Page - STMicroelectronics ST7MDT2-EPB2/UK Datasheet HTML 9Page - STMicroelectronics ST7MDT2-EPB2/UK Datasheet HTML 10Page - STMicroelectronics ST7MDT2-EPB2/UK Datasheet HTML 11Page - STMicroelectronics ST7MDT2-EPB2/UK Datasheet HTML 12Page - STMicroelectronics ST7MDT2-EPB2/UK Datasheet HTML 13Page - STMicroelectronics ST7MDT2-EPB2/UK Datasheet HTML 14Page - STMicroelectronics ST7MDT2-EPB2/UK Datasheet HTML 15Page - STMicroelectronics ST7MDT2-EPB2/UK Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
12/150
24 -
VSS_3
S
Digital Ground Voltage
25 15 PF0/MCO
I/O
CT
X
ei1
X
X
Port F0
Main clock output (fOSC/2)
26 16 PF1/BEEP
I/O
CT
X
ei1
X
X
Port F1
Beep signal output
27 17 PF2
I/O
CT
X
ei1
X
X
Port F2
28 -
NC
Not Connected
29 18 PF4/OCMP1_A
I/O
CT
X
X
X
X
Port F4
Timer A Output Compare 1
30 -
NC
Not Connected
31 19 PF6 (HS)/ICAP1_A
I/O CT HS X
X
X
X
Port F6
Timer A Input Capture 1
32 20 PF7 (HS)/EXTCLK_A
I/O CT HS X
X
X
X
Port F7
Timer A External Clock Source
33 21 VDD_0
S
Digital Main Supply Voltage
34 22 VSS_0
S
Digital Ground Voltage
35 23 PC0/OCMP2_B
I/O
CT
X
X
X
X
Port C0
Timer B Output Compare 2
36 24 PC1/OCMP1_B
I/O
CT
X
X
X
X
Port C1
Timer B Output Compare 1
37 25 PC2 (HS)/ICAP2_B
I/O CT HS X
X
X
X
Port C2
Timer B Input Capture 2
38 26 PC3 (HS)/ICAP1_B
I/O CT HS X
X
X
X
Port C3
Timer B Input Capture 1
39 27 PC4/MISO
I/O
CT
X
X
X
X
Port C4
SPI Master In / Slave Out Data
40 28 PC5/MOSI
I/O
CT
X
X
X
X
Port C5
SPI Master Out / Slave In Data
41 29 PC6/SCK
I/O
CT
X
X
X
X
Port C6
SPI Serial Clock
42 30 PC7/SS
I/O
CT
X
X
X
X
Port C7
SPI Slave Select (active low)
43 -
PA0
I/O
CT
X
ei0
X
X
Port A0
44 -
PA1
I/O
CT
X
ei0
X
X
Port A1
45 -
PA2
I/O
CT
X
ei0
X
X
Port A2
46 31 PA3
I/O
CT
X
ei0
X
X
Port A3
47 32 VDD_1
S
Digital Main Supply Voltage
48 33 VSS_1
S
Digital Ground Voltage
49 34 PA4 (HS)
I/O CT HS X
X
X
X
Port A4
50 35 PA5 (HS)
I/O CT HS X
X
X
X
Port A5
51 36 PA6 (HS)
I/O CT HS X
T
Port A6
52 37 PA7 (HS)
I/O CT HS X
T
Port A7
53 38 ISPSEL
I
Must be tied low in user mode. In programming
mode when available, this pin acts as In-Situ
Programming mode selection.
54 39 RESET
I/O
C
X
X
Top priority non maskable interrupt (active low)
55 -
NC
Not Connected
56 -
NC
57 40 VSS_3
S
Digital Ground Voltage
58 41 OSC2 3)
O
Resonator oscillator inverter output or capaci-
tor input for RC oscillator
59 42 OSC1 3)
I
External clock input or Resonator oscillator in-
verter input or resistor input for RC oscillator
60 43 VDD_3
S
Digital Main Supply Voltage
Pin
No.
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com