Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT2-EPB2/UK Datasheet(PDF) 120 Page - STMicroelectronics

Part # ST7MDT2-EPB2/UK
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-EPB2/UK Datasheet(HTML) 120 Page - STMicroelectronics

Back Button ST7MDT2-EPB2/UK Datasheet HTML 116Page - STMicroelectronics ST7MDT2-EPB2/UK Datasheet HTML 117Page - STMicroelectronics ST7MDT2-EPB2/UK Datasheet HTML 118Page - STMicroelectronics ST7MDT2-EPB2/UK Datasheet HTML 119Page - STMicroelectronics ST7MDT2-EPB2/UK Datasheet HTML 120Page - STMicroelectronics ST7MDT2-EPB2/UK Datasheet HTML 121Page - STMicroelectronics ST7MDT2-EPB2/UK Datasheet HTML 122Page - STMicroelectronics ST7MDT2-EPB2/UK Datasheet HTML 123Page - STMicroelectronics ST7MDT2-EPB2/UK Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
120/150
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
Table 23. Typical Ceramic Resonators
Table 24. Resonator Frequency Correlation Factor
Notes:
1. Murata Ceralock
2. VDD 4.5 to 5.5V
3. Values in parentheses refer to the capacitors integrated in the resonator
Option Byte
Config.
fOSC
(MHz)
Resonator Part Number1)
CL1
[pF]3
CL2
[pF]3
RFEXT
k
Ω
RD
[k
Ω]
LP
1
CSB1000JA
100
100
Open
3.3
CSBF1000JA
2
CSTS0200MGA06
(47)
(47)
0
CSTCC2.00MGA0H6
MP
2
CSTS0200MGA06
CSTCC2.00MGA0H6
4
CSTS0400MGA06
CSTCC4.00MGA0H6
MS
4
CSTS0400MGA06
CSTCC4.00MGA0H6
8
CSTS0800MGA06
CSTCC8.00MGA0H6
HS
8
CSTS0800MGA06
CSTCC8.00MGA0H6
10
CST10.0MTWA
30
30
CSTCC10.0MGA
(15)
(15)
12
CST12.0MTWA
30
30
CSTCS12.0MTA
(30)
(30)
162)
CSA16.00MXZA040
15
15
CST16.00MXWA0C3
(15)
(15)
CSACV16.00MXA040Q
15
15
10
CSTCV16.00MXA0H3Q
(15)
(15)
Option
Byte
Config.
Resonator1)
Correla-
tion %
Reference
IC
Option
Byte
Config.
Resonator1)
Correla-
tion %
Reference
IC
LP
CSB1000JA
+0.03
4069UBE
MS
CSTS0400MGA06
-0.03
74HCU04
CSTS0200MGA06
-0.20
74HCU04
CSTCC4.00MGA0H6
-0.05
CSTCC2.00MGA0H6
-0.16
CSTS0800MGA06
+0.03
MP
CSTS0200MGA06
-0.21
CSTCC4.00MGA0H6
+0.02
CSTCC2.00MGA0H6
-0.19
HS
CSTS0800MGA06
+0.02
CSTS0400MGA06
0.02
CSTCC8.00MGA0H6
+0.01
CSTCC4.00MGA0H6
-0.05
CSTS10.0MTWA
+0.38
4069UBE
CSTCC10.0MGA
+0.61
CST12.0MTWA
+0.38
CSTCS12.0MTA
+0.42
CSA16.00MXZA040
+0.10
74HCU04
CSACV16.00MXA040Q +0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com