Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6202PC52PR Datasheet(PDF) 29 Page - Torex Semiconductor

Part # XC6202PC52PR
Description  High Voltage Positive Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6202PC52PR Datasheet(HTML) 29 Page - Torex Semiconductor

Back Button XC6202PC52PR Datasheet HTML 24Page - Torex Semiconductor XC6202PC52PR Datasheet HTML 25Page - Torex Semiconductor XC6202PC52PR Datasheet HTML 26Page - Torex Semiconductor XC6202PC52PR Datasheet HTML 27Page - Torex Semiconductor XC6202PC52PR Datasheet HTML 28Page - Torex Semiconductor XC6202PC52PR Datasheet HTML 29Page - Torex Semiconductor XC6202PC52PR Datasheet HTML 30Page - Torex Semiconductor XC6202PC52PR Datasheet HTML 31Page - Torex Semiconductor XC6202PC52PR Datasheet HTML 32Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
29/32
XC6202
Series
MARK
PRODUCT SERIES
2
XC6202Pxxxxx
MARK
VOLTAGE (V)
PRODUCT SERIES
4
0.1 ~ 3.0
5
3.1 ~ 6.0
6
6.1 ~ 9.0
7
9.1 ~ 12.0
8
12.1 ~ 15.0
9
15.1 ~ 18.0
XC6202Pxxxxx
MARK
VOLTAGE (V)
MARK
VOLTAGE (V)
0
−
3.1
6.1
9.1
12.1
15.1
F
−
4.6
7.6
10.6
13.6
16.6
1
−
3.2
6.2
9.2
12.2
15.2
H
−
4.7
7.7
10.7
13.7
16.7
2
−
3.3
6.3
9.3
12.3
15.3
K
1.8
4.8
7.8
10.8
13.8
16.8
3
−
3.4
6.4
9.4
12.4
15.4
L
1.9
4.9
7.9
10.9
13.9
16.9
4
−
3.5
6.5
9.5
12.5
15.5
M
2.0
5.0
8.0
11.0
14.0
17.0
5
−
3.6
6.6
9.6
12.6
15.6
N
2.1
5.1
8.1
11.1
14.1
17.1
6
−
3.7
6.7
9.7
12.7
15.7
P
2.2
5.2
8.2
11.2
14.2
17.2
7
−
3.8
6.8
9.8
12.8
15.8
R
2.3
5.3
8.3
11.3
14.3
17.3
8
−
3.9
6.9
9.9
12.9
15.9
S
2.4
5.4
8.4
11.4
14.4
17.4
9
−
4.0
7.0
10.0
13.0
16.0
T
2.5
5.5
8.5
11.5
14.5
17.5
A
−
4.1
7.1
10.1
13.1
16.1
U
2.6
5.6
8.6
11.6
14.6
17.6
B
−
4.2
7.2
10.2
13.2
16.2
V
2.7
5.7
8.7
11.7
14.7
17.7
C
−
4.3
7.3
10.3
13.3
16.3
X
2.8
5.8
8.8
11.8
14.8
17.8
D
−
4.4
7.4
10.4
13.4
16.4
Y
2.9
5.9
8.9
11.9
14.9
17.9
E
−
4.5
7.5
10.5
13.5
16.5
Z
3.0
6.0
9.0
12.0
15.0
18.0
■MARKING RULE
●SOT-23, SOT-89, SOT-223
①Represents product series
②Represents output voltage range
③Represents output voltage
④Represents production lot number
0 to 9, A to Z reversed character 0 to 9, A to Z repeated. (G, I, J, O, Q, W excepted)
①
②
③ ④
12
3
12
3
1
①
②
③
④
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com