Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C255 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # C255
Description  Standard 4-Pin DIP Package Enable Function
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C255 Datasheet(HTML) 1 Page - Vectron International, Inc

  C255 Datasheet HTML 1Page - Vectron International, Inc C255 Datasheet HTML 2Page - Vectron International, Inc C255 Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C1419
PXO
Vectron International · www.vectron.com
v.2005-02-10 · page 1 of 3
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
Unit 3119 31st Floor, Jin Mao Tower, 88
Century Boulevard, Shanghai,
P.R. China 200120
+86 21 28909740 tel.
+86 21 28909240 fax
Typical Applications
Features
Telecommunication
Standard 4-Pin DIP Package
Universal Clock
Enable Function
Previous Vectron Model Numbers
MCO1XXX; AA;
Frequency range
1 MHz – 100 MHz
Frequency stabilities
1
Parameter
Min
Typ
Max.
Units
Operating temp
range
Ordering Code
5
Overall (vs. Initial, vs. operating
temperature range vs. supply voltage
change vs. load change
vs. aging
/1. Yea)r
-100.0
-50.0
-25.0
-100.0
-50.0
-32.0
+100.0
+50.0
+25.0
+100.0
+50.0
+32.0
ppm
ppm
ppm
ppm
ppm
ppm
-0 … +70°C
-0 … +70°C
-0 … +70°C
-40 … +85°C
-40 … +85°C
-40 … +85°C
C104
C505
C255
F104
F505
F325
Supply voltage
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
5
Supply voltage (Vs)
4.75
5.0
5.25
VDC
SV050
Current consumption
40
50
55
70
mA
@ HCMOS fo < 24.0 MHz
@ HCMOS fo < 50.0 MHz
@ HCMOS fo < 70.0 MHz
@ HCMOS fo < 100.0 MHz
Supply voltage (Vs)
3.135
3.3
3.465
VDC
SV033
Current consumption
30
35
40
50
mA
@ HCMOS fo < 24.0 MHz
@ HCMOS fo < 50.0 MHz
@ HCMOS fo < 70.0 MHz
@ HCMOS fo < 100.0 MHz
RF output
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
5
Signal
HCMOS
RFH
Load
15.0
pF
Rise and Fall time
10
ns
@ 15 pF 10 to 90 %
Duty cycle
40
60
%
@ Vs/2


Similar Part No. - C255

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C255 VECTRON-C255 Datasheet
133Kb / 4P
Typical Applications
logo
Toshiba Semiconductor
C2555 TOSHIBA-C2555 Datasheet
161Kb / 2P
TRANSISTOR (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
01-Sep-1997
logo
General Cable Technolog...
C2555A GENERAL-C2555A Datasheet
73Kb / 1P
COMMUNICATION CABLE
More results

Similar Description - C255

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C1379 VECTRON-C1379 Datasheet
32Kb / 3P
Standard 4-Pin DIP Package (Half Size)
C5419 VECTRON-C5419 Datasheet
41Kb / 3P
Standard 4-Pin DIP
C5379 VECTRON-C5379 Datasheet
38Kb / 3P
Standard 4-Pin DIP Package (Half Size)
logo
MMD Components
MTFH MMD-MTFH Datasheet
151Kb / 3P
Standard 14 Dip/4 Package
logo
Solid State Optronic
AD2C112 SSOUSA-AD2C112 Datasheet
334Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C331 SSOUSA-AD2C331 Datasheet
341Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C641 SSOUSA-AD2C641 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
SAT400 SSOUSA-SAT400_15 Datasheet
582Kb / 10P
Small 4 pin DIP/SMD package
logo
MMD Components
MTFH5 MMD-MTFH5 Datasheet
108Kb / 2P
Standard 14 Dip/4 Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com