Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XO-53 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XO-53
Description  Full Size Clock Oscillators TTL Compatible
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XO-53 Datasheet(HTML) 1 Page - Vishay Siliconix

  XO-53_07 Datasheet HTML 1Page - Vishay Siliconix XO-53_07 Datasheet HTML 2Page - Vishay Siliconix XO-53_07 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 35023
For technical questions contact: frequency@vishay.com
www.vishay.com
Revision: 05-Mar-07
23
Full Size Clock Oscillators TTL Compatible
XO-53
Vishay Dale
The XO-53 series oscillator is TTL compatible and features
fast rise/fall times with high reliability at low cost. The metal
package with pin#7 case ground acts as shielding to
minimize EMI radiation.
FEATURES
• 10TTL output load
• 14 pin fill size
• Industry standard
• Wide frequency range
• Low cost
• Resistance weld package
• Lead (Pb)-free terminations and RoHS compliant
RoHS
COMPLIANT
* Include: 25 °C tolerance, operating temperature range, input voltage change, aging, load change, shock and vibration.
DIMENSIONS in inches [millimeters]
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
XO-53
Frequency Range
FO
1.0 MHz ~ 100.00 MHz
Frequency Stability*
All Condition*
± 25 ppm, ± 50 ppm, ± 100 ppm
Operating Temperature Range
TOPR
0 °C ~ 70 °C (- 40 °C ~ + 85 °C option)
Storage Temperature Range
TSTG
- 55 °C ~ + 125 °C
Power Supply Voltage
VDD
5.0 V ± 10 %
Aging (First Year)
25 ºC ± 3 ºC
± 5 ppm
Supply Current
IDD
1.0 MHz to 23.999 MHz
15 mA Max
24.000 MHz to 69.999 MHz
30 mA Max
70.000 MHz to 100.000 MHz
60 mA Max
Output Symmetry
Sym
At 1.4 V
40/60 % (45/55 % Option)
Rise Time
Tr
0.4 V ~ 2.4 V
5 ns Max
Fall Time
Tf
2.4 V ~ 0.4 V
5 ns Max
Output Voltage
VOH
2.4 V Min
VOL
0.4 V Max
Output Load
TTL Load
1 ~ 10 TTL
Start-up Time
Ts
10 ms Max
MARKING
AREA
+ 5.0 V
TEST POINT
15 pF**
0.01 µF
RL = 400
Ω
TTL TEST CIRCUIT
**Includes Stray and Probe Capacitance
0.200
[5.08] Max
[0.45 ± 0.1]
[0.8 ± 0.1]
0.268
[6.80] Max
PIN
#1
#7
#8
#14
CONNECTION
N.C
GND
OUTPUT
VDD
VOH
VOL
Tr
Tf
2.4 V
1.4 V
0.4 V
GND
T1
T0 = 1/Fo
SYMMETRY =
x 100 %
T1
T0
TTL OUTPUT WAVEFORM
0.031 ± 0.003
0.018 ± 0.003
#1
#7
#14
#8
0.508
[12.9] Max
0.300 ± 0.005
[7.62 ± 0.13]
0.600 ± 0.005
[15.24 ± 0.13]
0.803 [20.4] Max
A
V
#14
#1
#8
#7
ORDERING INFORMATION
XO-53
MODEL
B
FREQUENCY STABILITY
AA = 0.0025 % (25 ppm)
A = 0.005 % (50 ppm)
B = 0.01 % (100 ppm)
Standard
R
OTR
Blank = 0 °C to + 70 °C
R = - 40 °C to + 85 °C
40 M
FREQUENCY/MHz
e2
JEDEC LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
MODEL
FREQUENCY
STABILITY
OTR
-
PACKAGE
CODE
OPTIONS
FREQUENCY
X
O5
3
C
T
D
N
A
4
0
M


Similar Part No. - XO-53_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO-53A40ME2 VISHAY-XO-53A40ME2 Datasheet
118Kb / 1P
Full Size Clock Oscillators TTL Compatible
17-Jun-05
XO-53A40ME2 VISHAY-XO-53A40ME2 Datasheet
82Kb / 3P
Full Size Clock Oscillators TTL Compatible
08-Mar-11
XO-53AA40ME2 VISHAY-XO-53AA40ME2 Datasheet
118Kb / 1P
Full Size Clock Oscillators TTL Compatible
17-Jun-05
XO-53AA40ME2 VISHAY-XO-53AA40ME2 Datasheet
82Kb / 3P
Full Size Clock Oscillators TTL Compatible
08-Mar-11
XO-53AAR40ME2 VISHAY-XO-53AAR40ME2 Datasheet
118Kb / 1P
Full Size Clock Oscillators TTL Compatible
17-Jun-05
More results

Similar Description - XO-53_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO-53 VISHAY-XO-53 Datasheet
118Kb / 1P
Full Size Clock Oscillators TTL Compatible
17-Jun-05
logo
General Electric Compan...
LM1100 GEC-LM1100 Datasheet
201Kb / 1P
Full Size HCMOS/TTL Compatible Oscillators
logo
Vishay Siliconix
XO-54 VISHAY-XO-54 Datasheet
81Kb / 1P
Full Size Clock Oscillators TTL/HCMOS Compatible
10-Jun-03
XO-54 VISHAY-XO-54_07 Datasheet
188Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
05-Mar-07
XO-543 VISHAY-XO-543 Datasheet
186Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
05-Mar-07
logo
RSG Electronic Componen...
HO-11 RSG-HO-11 Datasheet
84Kb / 1P
FULL SIZE CLOCK OSCILLATORS TTL COMPATIBLE
HO-12 RSG-HO-12 Datasheet
84Kb / 1P
FULL SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-53 VISHAY-XO-53_11 Datasheet
82Kb / 3P
Full Size Clock Oscillators TTL Compatible
08-Mar-11
XO-54 VISHAY-XO-54_11 Datasheet
155Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
08-Mar-11
XO-543 VISHAY-XO-543_11 Datasheet
155Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
08-Mar-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com