Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXT Datasheet(PDF) 74 Page - STMicroelectronics

Part # ADE3800SXT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXT Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ADE3800SXT Datasheet HTML 70Page - STMicroelectronics ADE3800SXT Datasheet HTML 71Page - STMicroelectronics ADE3800SXT Datasheet HTML 72Page - STMicroelectronics ADE3800SXT Datasheet HTML 73Page - STMicroelectronics ADE3800SXT Datasheet HTML 74Page - STMicroelectronics ADE3800SXT Datasheet HTML 75Page - STMicroelectronics ADE3800SXT Datasheet HTML 76Page - STMicroelectronics ADE3800SXT Datasheet HTML 77Page - STMicroelectronics ADE3800SXT Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 138 page
background image
Register Description by Block
ADE3800
74/138
OSD_OSD_CTRL0_HW
4920
R
[7:0]
00
HW Shadow Readback
OSD_OSD_CTRL1_HW
4921
R
[7:0]
00
OSD_GLBL_X_OFFSET_HW_L
4922
R
[7:0]
00
OSD_GLBL_X_OFFSET_HW_U
4923
R
[3:0]
00
OSD_GLBL_Y_OFFSET_HW_L
4924
R
[7:0]
00
OSD_GLBL_Y_OFFSET_HW_U
4925
R
[3:0]
00
OSD_CP_1BPP_HW_L
4926
R
[7:0]
00
OSD_CP_1BPP_HW_U
4927
R
[3:0]
00
OSD_CP_2BPP_HW_L
4928
R
[7:0]
00
OSD_CP_2BPP_HW_U
4929
R
[3:0]
00
OSD_CP_3BPP_HW_L
492A
R
[7:0]
00
OSD_CP_3BPP_HW_U
492B
R
[3:0]
00
OSD_CP_4BPP_HW_L
492C
R
[7:0]
00
OSD_CP_4BPP_HW_U
492D
R
[3:0]
00
HW Shadow Readback
OSD_DLP0_HW_L
492E
R
[7:0]
00
OSD_DLP0_HW_U
492F
R
[3:0]
00
OSD_DLP1_HW_L
4930
R
[7:0]
00
OSD_DLP1_HW_U
4931
R
[3:0]
00
OSD_CLUT_1BPP_HW
4932
R
[4:0]
00
OSD_CLUT_2BPP_HW
4933
R
[4:0]
00
OSD_CLUT_3BPP_HW
4934
R
[4:0]
00
OSD_CLUT_4BPP_HW
4935
R
[4:0]
00
Table 30: OSD Registers (Sheet 3 of 3)
Register Name
Addr
Mode
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com