Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-L6219 Datasheet(PDF) 9 Page - STMicroelectronics

Part # E-L6219
Description  Stepper motor driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6219 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button E-L6219 Datasheet HTML 5Page - STMicroelectronics E-L6219 Datasheet HTML 6Page - STMicroelectronics E-L6219 Datasheet HTML 7Page - STMicroelectronics E-L6219 Datasheet HTML 8Page - STMicroelectronics E-L6219 Datasheet HTML 9Page - STMicroelectronics E-L6219 Datasheet HTML 10Page - STMicroelectronics E-L6219 Datasheet HTML 11Page - STMicroelectronics E-L6219 Datasheet HTML 12Page - STMicroelectronics E-L6219 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
L6219
Functional description
9/16
2
Functional description
The circuit is intended to drive both windings of a bipolar stepper motor.
The peak current control is generated through switch mode regulation.There is a choice of
three different current levels with the two logic inputs I01 - I11 for winding 1 and I02 - I12 for
winding 2.
The current can also be switched off completely.
2.1
Input logic (I0 and I1)
The current level in the motor winding is selected with these inputs. (See Figure 4). If any of
the logic inputs is left open, the circuit will treat it has a high level input.
2.2
Phase
This input determines the direction of current flow in the windings, depending on the motor
connections. The signal is fed through a Schmidt-trigger for noise immunity, and through a
time delay in order to guarantee that no short-circuit occurs in the output stage during
phase-shift.High level on the PHASE input causes the motor current flow from Out A
through the winding to Out B.
2.3
Current sensor
This part contains a current sensing resistor (RS), a low pass filter (RC, CC) and three
comparators. Only one comparator is active at a time. It is activated by the input logic
according to the current level chosen with signals Io and I1. The motor current flows through
the sensing resistor RS. When the current has increased so that the voltage across RS
becomes higher than the reference voltage on the other comparator input, the comparator
goes high, which triggers the pulse generator.
The max peak current Imax can be defined by:
Table 6.
Current levels
I0
I1
Current level
H
H
No current
L
H
Low current 1/3 IO max
H
L
Medium current 2/3 IO max
L
L
Maximum current IO max
I
max
V
ref
10R
s
-------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com