Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6226Q Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6226Q
Description  DMOS dual full bridge driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226Q Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6226Q Datasheet HTML 18Page - STMicroelectronics L6226Q Datasheet HTML 19Page - STMicroelectronics L6226Q Datasheet HTML 20Page - STMicroelectronics L6226Q Datasheet HTML 21Page - STMicroelectronics L6226Q Datasheet HTML 22Page - STMicroelectronics L6226Q Datasheet HTML 23Page - STMicroelectronics L6226Q Datasheet HTML 24Page - STMicroelectronics L6226Q Datasheet HTML 25Page - STMicroelectronics L6226Q Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Output current capability and IC power dissipation
L6226Q
22/28
7
Output current capability and IC power dissipation
In Figure 16 and Figure 17 are shown the approximate relation between the output current
and the IC power dissipation using PWM current control driving two loads, for two different
driving types:
●
One full bridge ON at a time (Figure 16) in which only one load at a time is energized.
●
Two full bridges ON at the same time (Figure 17) in which two loads at the same time
are energized.
For a given output current and driving type the power dissipated by the IC can be easily
evaluated, in order to establish which package should be used and how large must be the
on-board copper dissipating area to guarantee a safe operating junction temperature
(125 °C maximum).
Figure 16.
IC power dissipation vs output current with one full bridge ON at a time
Figure 17.
IC power dissipation vs output current with two full bridges ON at the
same time
No PW M
fSW = 3 0 kHz (slow decay)
Test Conditions:
Supply Voltage = 24V
I A
I B
IOUT
IOUT
ONE FULL BRIDGE ON AT A TIME
PD [W]
I OUT [A]
0
0.25 0.5 0.75 1
1.25 1.5
0
2
4
6
8
10
No PWM
fSW = 30 kHz (slow decay)
Test Conditions:
Supply Volt age =24 V
I A
I B
IOUT
IOUT
PD [W ]
I OUT [A ]
TWO FULL BRIDGES ON AT THE SAME TIME
0
0.25 0.5 0.75
1
1.25 1.5
0
2
4
6
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com