Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6219 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6219
Description  Stepper motor driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6219 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6219 Datasheet HTML 8Page - STMicroelectronics L6219 Datasheet HTML 9Page - STMicroelectronics L6219 Datasheet HTML 10Page - STMicroelectronics L6219 Datasheet HTML 11Page - STMicroelectronics L6219 Datasheet HTML 12Page - STMicroelectronics L6219 Datasheet HTML 13Page - STMicroelectronics L6219 Datasheet HTML 14Page - STMicroelectronics L6219 Datasheet HTML 15Page - STMicroelectronics L6219 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application informations
L6219
12/16
3
Application informations
Some stepper motors are not designed for contin-uous operation at maximum current. As
the circuit drives a constant current through the motor, its temperature might increase
exceedingly both at low and high speed operation. Also, some stepper motors have such
high core losses that they are not suited for switch mode current regulation.
Unused inputs should be connected to proper voltage levels in order to get the highest noise
immunity. As the circuit operates with switch mode current regulation, interference
generation problems might arise in some applications. A good measure might then be to
decouple the circuit with a 100 nF capacitor, located near the package between power line
and ground. The ground lead between Rs, and circuit GND should be kept as short as
possible. A typical application circuit is shown in Figure 5. Note that Ct must be NPO type or
similar else. To sense the winding current, paralleled metal film resistors are recommended
(Rs).
Figure 5.
Typical application circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com