Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258E Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6258E
Description  PWM controlled high current DMOS universal motor driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6258E Datasheet HTML 12Page - STMicroelectronics L6258E Datasheet HTML 13Page - STMicroelectronics L6258E Datasheet HTML 14Page - STMicroelectronics L6258E Datasheet HTML 15Page - STMicroelectronics L6258E Datasheet HTML 16Page - STMicroelectronics L6258E Datasheet HTML 17Page - STMicroelectronics L6258E Datasheet HTML 18Page - STMicroelectronics L6258E Datasheet HTML 19Page - STMicroelectronics L6258E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
L6258E
16/31
3
PWM current control loop
3.1
Open loop transfer function analysis
Block diagram: refer to Figure 5.
Input parameters:
●
VS = 24V
●
LL = 12mH
●
RL = 12Ω
●
RS = 0.33Ω
●
RC = to be calculated
●
CC = to be calculated
●
Gs transconductance gain = 1/Rb
●
Gin transconductance gain = 1/Ra
●
Ampl. of the Tria_0_180 ref. = 1.6V (peak to peak)
●
Ra = 40KΩ
●
Rb = 20KΩ
●
Vr = Internal reference equal to VDD/2 (Typ. 2.5V)
these data refer to a typical application, and will be used as an example during the analysis
of the stability of the current control loop.
The block diagram shows the schematics of the L6258E internal current control loop
working in PWM mode; the current into the load is a function of the input control voltage
VDAC , and the relation between the two variables is given by the following formula:
ILOAD · RS · GS = VDAC · Gin
where:
VDAC
is the control voltage defining the load current value
Gin
is the gain of the input transconductance amplifier ( 1/Ra )
Gs
is the gain of the sense transconductance amplifier ( 1/Rb )
Rs
is the resistor connected in series to the output to sense the load current
In this configuration the input voltage is compared with the feedback voltage coming from
the sense resistor, then the difference between this two signals is amplified by the error
amplifier in order to have an error signal controlling the duty cycle of the output stage
keeping the load current under control.
It is clear that to have a good performance of the current control loop, the error amplifier
must have an high DC gain and a large bandwidth.
I
LOAD
R
S
1
R
b
-------
⋅⋅
V
DAC
1
R
a
-------
⋅
=
I
LOAD
V
DAC
R
b
R
a
R
s
⋅
-------------------
⋅
0.5
V
DAC
R
S
--------------- A
()
⋅
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com