Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258EP Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6258EP
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6258EP_07 Datasheet HTML 9Page - STMicroelectronics L6258EP_07 Datasheet HTML 10Page - STMicroelectronics L6258EP_07 Datasheet HTML 11Page - STMicroelectronics L6258EP_07 Datasheet HTML 12Page - STMicroelectronics L6258EP_07 Datasheet HTML 13Page - STMicroelectronics L6258EP_07 Datasheet HTML 14Page - STMicroelectronics L6258EP_07 Datasheet HTML 15Page - STMicroelectronics L6258EP_07 Datasheet HTML 16Page - STMicroelectronics L6258EP_07 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
L6258EP
Functional description
13/32
2.3
Phase input ( PH )
The logic level applied to this input determines the direction of the current flowing in the
winding of the motor.
High level on the phase input causes the motor current flowing from OUT_A to OUT_B
through the load.
2.4
Triangular generator
This circuit generates the two triangular waves TRI_0 and TRI_180 internally used to
generate the duty cycle variation of the signals driving the output stage in bridge
configuration.
The frequency of the triangular wave defines the switching frequency of the output, and can
be adjusted by changing the capacitor connected at TR1_CAP pin:
where: K = 1.5 x 10-5
2.5
Charge pump circuit
To ensure the correct driving of the high side drivers a voltage higher than Vs is supplied on
the Vboot pin. This boostrap voltage is not needed for the low side power DMOS transistors
because their sources terminals are grounded. To produce this voltage a charge pump
method is used. It is made by using two external capacitors; one connected to the internal
oscillator (CP) and the other (Cboot) to storage the overvoltage needed for the driving the
gates of the high side DMOS. The value suggested for the capacitors are:
LHL
L
88.9
LL
H
H
92.1
LL
H
L
95.2
LL
L
H
98.4
LL
LL
100
Table 5.
Current levels (continued)
I3
I2
I1
I0
Current level
% of IMAX
F
ref
K
C
----
=
Table 6.
Charge pump capacitor's values
Component name
Component's function
Value
Unit
Cboot
Storage capacitor
100
nF
CP
Pump capacitor
10
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com