Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7F10BF0B6 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST7F10BF0B6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0B6 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST7F10BF0B6 Datasheet HTML 66Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 67Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 68Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 69Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 70Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 71Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 72Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 73Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 159 page
background image
ST7LITE1xB
70/159
DUAL 12-BIT AUTORELOAD TIMER 4 (Cont’d)
11.2.3.7 Force Update
In order not to wait for the counterx overflow to
load the value into active DCRx registers, a pro-
grammable counterx overflow is provided. For
both counters, a separate bit is provided which
when set, make the counters start with the over-
flow value, i.e. FFFh. After overflow, the counters
start counting from their respective auto reload
register values.
These bits are FORCE1 and FORCE2 in the
ATCSR2 register. FORCE1 is used to force an
overflow on Counter 1 and, FORCE2 is used for
Counter 2. These bits are set by software and re-
set by hardware after the respective counter over-
flow event has occurred.
This feature can be used at any time. All related
features such as PWM generation, Output Com-
pare, Input Capture, One-pulse (refer to Figure 15.
Dynamic DCR2/3 update in One Pulse Mode) can
be used this way.
Figure 50. Force Overflow Timing Diagram
FFF
ATRx
E04
E03
fCNTRx
CNTRx
FORCEx
FORCE2 FORCE1
ATCSR2 Register
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com