Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7F10BF0B6 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST7F10BF0B6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0B6 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST7F10BF0B6 Datasheet HTML 99Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 100Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 101Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 102Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 103Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 104Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 105Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 106Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 159 page
background image
ST7LITE1xB
103/159
ANALOG COMPARATOR (Cont’d)
Bit 4 = CMPIF Comparator Interrupt Flag
This bit is set by hardware when interrupt is gener-
ated at the rising edge (CINV = 0) or falling edge
(CINV = 1) of comparator output. This bit is
cleared by reading the CMPCR register. Writing to
this bit does not change the value.
0 : Comparator interrupt flag cleared
1 : Comparator interrupt flag set and can generate
interrupt if CMPIE is set.
Bit 3 : CMPIE Comparator Interrupt Enable
This bit is set or reset by software and cleared by
hardware reset. This bit enables or disables the in-
terrupt generation depending on interrupt flag
0: Interrupt not generated
1: Interrupt generated if interrupt flag is set
Note:
This bit should be set to enable interrupt only after
the comparator has been switched ON, i.e. when
CMPON is set.
Once CMPON bit is set, it is recommended to wait
the specified stabilization time before setting
CMPIE bit in order to avoid a spurious interrupt
(see section 13.12 on page 143).
Bit 2 : CMP Comparator Output
This bit is set or reset by software and cleared by
hardware reset. It stores the value of comparator
output.
Bit 1 = COUT Comparator Output Enable on Port
This bit is set or cleared by software. When this bit
is set, the comparator output is available on PA7
port.
0 : Comparator output not connected to PA7
1 : Comparator output connected to PA7
Bit 0 : CMPON Comparator ON/OFF
This bit is set or cleared by software and reset by
hardware reset. This bit is used to switch ON/OFF
the comparator, internal voltage reference and
current bias which provides 4µA current to both.
0: Comparator, Internal Voltage Reference, Bias
OFF (in power-down state).
1: Comparator, Internal Voltage Reference, Bias
ON
Note: For the comparator interrupt generation, it
takes 250ns delay from comparator output change
to rising or falling edge of interrupt generated.
Table 21. Analog Comparator Register Map and Reset Values
Address
(Hex.)
Register
Label
765
43
21
0
002Ch
VREFCR
Reset Value
VCEXT
0
VCBGR
0
VR3
0
VR2
0
VR1
0
VR0
0
-
0
-
0
002Dh
CMPCR
Reset value
CHYST
1
-
0
CINV
0
CMPIF
0
CMPIE
0
CMP
0
COUT
0
CMPON
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com