Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-L6258EP Datasheet(PDF) 21 Page - STMicroelectronics

Part # E-L6258EP
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6258EP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button E-L6258EP Datasheet HTML 17Page - STMicroelectronics E-L6258EP Datasheet HTML 18Page - STMicroelectronics E-L6258EP Datasheet HTML 19Page - STMicroelectronics E-L6258EP Datasheet HTML 20Page - STMicroelectronics E-L6258EP Datasheet HTML 21Page - STMicroelectronics E-L6258EP Datasheet HTML 22Page - STMicroelectronics E-L6258EP Datasheet HTML 23Page - STMicroelectronics E-L6258EP Datasheet HTML 24Page - STMicroelectronics E-L6258EP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
L6258EP
PWM current control loop
21/32
In this case the Bx block has a DC gain equal to the open loop and equal to zero at a
frequency given by the following formula:
In order to cancel the pole of the load, the zero of the Bx block must be located at the same
frequency of 163Hz; so now we have to find a compromise between the resistor and the
capacitor of the compensation network.
Considering that the resistor value defines the gain of the Bx block at the zero frequency, it
is clear that this parameter will influence the total bandwidth of the system because,
annulling the load pole with the error amplifier zero, the slope of the total transfer function is
-20dB/decade.
So the resistor value must be chosen in order to have an error amplifier gain enough to
guarantee a desired total bandwidth.
In our example we fix at 35dB the gain of the Bx block at zero frequency, so from the
formula:
where: Rb = 20k
Ω
we have: Rc = 1.1M
Ω
Therefore we have the zero with a 163Hz the capacitor value:
Now we have to analyse how the new Aloop transfer function with a compensation network
on the error amplifier is.
The following bode diagram shows:
–
the Ax function showing the position of the load pole
–
the open loop transfer function of the Bx block
–
the transfer function of the Bx with the RC compensation network on the error
amplifier
–
the total Aloop transfer function that is the sum of the Ax function plus the transfer
function of the compensated Bx block.
Bx
Zc
Rb
--------
–
Rc
j
1
2
π fCc
⋅⋅
------------------------------
–
Rb
----------------------------------------------
–
==
Fzero
1
2
π Rc Cc
⋅⋅
------------------------------------
=
Bx_gain
@ zero freq.
20
Rc
Rb
--------
log
⋅
=
Cc
1
2
π Fzero Rc
⋅
⋅
---------------------------------------------
1
6,28
163
1,1
10
6
–
⋅⋅
⋅
-----------------------------------------------------------------
880pF
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com