Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6585D Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6585D
Description  Combo IC for PFC and ballast control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6585D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6585D Datasheet HTML 9Page - STMicroelectronics L6585D Datasheet HTML 10Page - STMicroelectronics L6585D Datasheet HTML 11Page - STMicroelectronics L6585D Datasheet HTML 12Page - STMicroelectronics L6585D Datasheet HTML 13Page - STMicroelectronics L6585D Datasheet HTML 14Page - STMicroelectronics L6585D Datasheet HTML 15Page - STMicroelectronics L6585D Datasheet HTML 16Page - STMicroelectronics L6585D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
L6585D
Application information
13/25
5.1.2
Ignition (time interval B Figure 5)
When the voltage at pin TCH drops down to 1.50V (typ.), the pin EOI is driven in high
impedance state and CIGN is exponentially charged according to the time constant τ given
by CIGN*RPRE that defines the ignition time and the frequency shift starts.
The ignition time is the time necessary to EOI voltage to reach 1.9V, so, by means of simple
calculation:
Equation 3
During this phase, the half-bridge current control can limit the maximum voltage applied
to the lamp by forcing small frequency increases whenever the half-bridge sense resistor
voltage exceeds the HBCSH threshold (see the “Half-Bridge current control” paragraph).
Figure 5, centre and right, shows the L6585D behavior as the lamp gets older; if it doesn’t
ignite for a time longer than the pre-heating one (counted by a cycle charge/discharge of the
TCH pin), the IC is stopped, enters low consumption and waits for either a re-lamp or an
UVLO.
T
IGN
3C
IGN
R
PRE
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com