Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR-09-B042 Datasheet(PDF) 61 Page - STMicroelectronics

Part # SPEAR-09-B042
Description  SPEAr짰 BASIC ARM 926EJ-S core, customizable logic, large IP portfolio SoC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-B042 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SPEAR-09-B042 Datasheet HTML 57Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 58Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 59Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 60Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 61Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 62Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 63Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 64Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
SPEAR-09-B042
Electrical characteristics
61/66
10.2
DC electrical characteristics
Supply voltage specifications.
The recommended operating conditions are listed in the Table 25:
10.3
General purpose I/O characteristics
The 3.3 V I/Os are compliant with JEDEC standard JESD8b
Table 25.
Recommended operating condition
Symbol
Description
Min
Typ
Max
Unit
VDD core
Supply voltage core
1.14
1.2
1.26
V
VDD I/O
Supply voltage I/O
3
3.3
3.6
V
VDD PLL
Supply voltage PLL
2.25
2.5
2.75
V
VDD OSC
Supply voltage oscillator
2.25
2.5
2.75
V
VDD DDR
Supply voltage DRAM interface
1.7
1.8
1.9
V
VDD RTC
Supply voltage RTC
1.2
1.5
1.8
V
TOP
Operating temperature
-40
85
°C
Table 26.
Low voltage TTL DC input specification (3V< VDD <3.6V)
Symbol
Description
Test condition
Min
Max
Unit
Vil
Low level input voltage
0.8
V
Vih
High level input voltage
2
V
Vhyst
Schmitt trigger hysteresis
300
800
mV
Table 27.
Low voltage TTL DC output specification (3V< VDD <3.6V)
Symbol
Description
Test condition
Min
Max
Unit
Vol
Low level output voltage
Iol= XmA
(1)
1.
For the max current value (XmA) refer to Section 6: Pins description.
0.3
V
Voh
High level output voltage
Ioh= -XmA
(1)
VDD - 0.3
V
Table 28.
Pull-up and pull-down characteristics
Symbol
Description
Test condition
Min
Max
Unit
Rpu
Equivalent pull-up resistance
Vi = 0V
29
67
KO
Rpd
Equivalent pull-down resistance
Vi = Vdde3V3
29
103
KO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com