Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR-09-P022 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPEAR-09-P022
Description  SPEAr??Plus600 dual processor cores
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-P022 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPEAR-09-P022 Datasheet HTML 9Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 10Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 11Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 12Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 13Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 14Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 15Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 16Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
SPEAR-09-P022
Pin description
13/40
PL
PL_GPIO_71
C7
I/O
Programmable logic I/O
TTL output buffer
3.3 V capable, 4 mA
TTL input buffer
3.3 V tolerant, PU
PL_GPIO_72
B7
PL_GPIO_73
E8
PL_GPIO_74
D8
PL_GPIO_75
C8
PL_GPIO_76
B8
PL_GPIO_77
A8
PL_GPIO_78
C9
PL_GPIO_79
D9
PL_GPIO_80
E9
PL_GPIO_81
E10
PL_GPIO_82
D10
PL_GPIO_83
C10
PL_CLK_1
A7
Programmable Logic
external clock
TTL BIDIR buffer,
3.3 V capable, 8 mA
3.3 V tolerant, PU
PL_CLK_2
A6
PL_CLK_3
A5
PL_CLK_4
A4
Ethernet
GMII_TXCLK
F22
Output
Transmit clock (GMII)
TTL output buffer 3.3 V
capable, 8 mA
GMII_TXCLK125
E22
Input
Ext. clock
TTL input buffer, 3.3 V
tolerant, PD
MII_TXCLK
D22
Transmit Clock MII
TXD_0
F21
Output
Transmit data
TTL output buffer
3.3 V capable, 8 mA
TXD_1
E21
TXD_2
F20
TXD_3
E20
GMII_TXD_4
D21
I/O
TTL BIDIR buffer
3.3 V capable, 8 mA
3.3 V tolerant, PD
GMII_TXD_5
D20
GMII_TXD_6
C22
GMII_TXD_7
C21
TX_ER
D18
Output
Transmit error
TTL output buffer
3.3 V capable, 8 mA
TX_EN
D19
Transmit enable
RX_ER
C20
Input
Receive error
TTL input buffer
3.3 V tolerant, PD
RX_DV
C19
Receive data valid
RX_CLK
A22
Receive clock
RXD_0
B22
Receive data
Table 2.
Pin description by functional group (continued)
Group
Signal name
Ball
Direction
Function
Pin type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com