Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2062A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA2062A
Description  Cartesio??family infotainment application processor with embedded GPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2062A Datasheet(HTML) 3 Page - STMicroelectronics

  STA2062A Datasheet HTML 1Page - STMicroelectronics STA2062A Datasheet HTML 2Page - STMicroelectronics STA2062A Datasheet HTML 3Page - STMicroelectronics STA2062A Datasheet HTML 4Page - STMicroelectronics STA2062A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STA2062A
Package information
3/5
2
Package information
In order to meet environmental requirements, ST offers this device in ECOPACK® packages.
This package has a Lead-free second level interconnect. The category of second level
interconnect is marked on the package and on the inner box label, in compliance with
JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 2.
LFBGA361 (16x16x1.4mm) mechanical data & package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.400
0.0551
A1
0.210
0.0082
A2
0.985
0.0387
A3
0.200
0.0079
A4
0.800
0.0315
b
0.350
0.400
0.450 0.0138 0.0157 0.0177
D
15.850 16.000 16.150 0.6240 0.6299 0.6358
D1
14.400
0.5669
E
15.850 16.000 16.150 0.6240 0.6299 0.6358
E1
14.400
0.5669
e
0.800
0.0315
F
0.800
0.0315
ddd
0.100
0.0039
eee
0.150
0.0059
fff
0.080
0.0031
LFBGA361
Low profile Fine Pitch Ball Grid Array
Body: 16 x 16 x 1.4mm
8033008 B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com