Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7F10BF0U6 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST7F10BF0U6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0U6 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST7F10BF0U6 Datasheet HTML 96Page - STMicroelectronics ST7F10BF0U6 Datasheet HTML 97Page - STMicroelectronics ST7F10BF0U6 Datasheet HTML 98Page - STMicroelectronics ST7F10BF0U6 Datasheet HTML 99Page - STMicroelectronics ST7F10BF0U6 Datasheet HTML 100Page - STMicroelectronics ST7F10BF0U6 Datasheet HTML 101Page - STMicroelectronics ST7F10BF0U6 Datasheet HTML 102Page - STMicroelectronics ST7F10BF0U6 Datasheet HTML 103Page - STMicroelectronics ST7F10BF0U6 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 159 page
background image
ST7LITE1xB
100/159
11.6 ANALOG COMPARATOR (CMP)
11.6.1 Introduction
The CMP block consists of an analog comparator
and an internal voltage reference. The voltage ref-
erence can be external or internal, selectable un-
der program control. The comparator input pins
COMPIN+ and COMPIN- are also connected to
the A/D converter (ADC).
11.6.2 Main Features
11.6.2.1 On-chip Analog Comparator
The analog comparator compares the voltage at
two input pins COMPIN+ and COMPIN- which are
connected to VP and VN at the comparator input.
When the analog input at COMPIN+ is less than
the analog input at COMPIN-, the output of the
comparator is 0. When the analog input at
COMPIN+ is greater than the analog input at
COMPIN-, the output of the comparator is 1.
The result of the comparison as 0 or 1 at COM-
POUT is shown in Figure 62 on page 101.
Note:
To obtain a stable result, the comparator requires
a stabilization time of 500ns. Please refer to sec-
tion 13.12 on page 143.
Table 19. Comparison Result
11.6.2.2
Programmable
External/Internal
Voltage Reference
The voltage reference module can be configured
to connect the comparator pin COMPIN- to one of
the following:
-
Fixed internal voltage bandgap
-
Programmable internal reference voltage
-
External voltage reference
1) Fixed Internal Voltage Bandgap
The voltage reference module can generate a
fixed voltage reference of 1.2V on the VN input.
This is done by setting the VCBGR bit in the
VREFCR register.
2) Programmable Internal Voltage Reference
The internal voltage reference module can pro-
vide 16 distinct internally generated voltage lev-
els from 3.2V to 0.2V each at a step of 0.2V on
comparator pin VN. The voltage is selected
through the VR[3:0] bits in the VREFCR regis-
ter.
3) External Reference Voltage
If a reference voltage other than that generated
by the internal voltage reference module is
required, COMPIN- can be connected to an
external voltage source. This configuration can
be selected by setting the VCEXT bit in the
VREFCR register.
11.6.3 Functional Description
To make an analog comparison, the CMPON bit in
the CMPCR register must be set to power-on the
comparator and internal voltage reference mod-
ule.
The VP comparator input is mapped on PB0 and is
also connected to ADC channel 0.
The VN comparator input is mapped on PB4 for
external voltage input, and is also connected to
ADC channel 4.
The internal voltage reference can provide a range
of different voltages to the comparator VN input,
selected by several bits in the VREFCR register,
as described in Table 20.
To select pins PB0 and PB4 for A/D conversion,
(default reset state), channel 0 or 4 must be select-
ed through the channel selection bits in the ADCC-
SR register (refer to Section 11.5.6)
The comparator output is connected to pin PA7
when the COUT bit in the CMPCR register is set.
The comparator output is also connected internally
to the break function of the 12-bit Autoreload Tim-
er (refer to Section 11.2)
When the Comparator is OFF, the output value of
comparator is ‘1’.
Important note: To avoid spurious toggling of the
output of the comparator due to noise on the volt-
age reference, it is recommended to enable the
hysteresis through the CHYST bit in the CMPCR
register.
CINV
Input Conditions
COMPOUT
0
VP > VN
1
VN > VP
0
1
VP > VN
0
VN > VP
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com