Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4NB100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP4NB100
Description  N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NB100 Datasheet(HTML) 1 Page - STMicroelectronics

  STP4NB100 Datasheet HTML 1Page - STMicroelectronics STP4NB100 Datasheet HTML 2Page - STMicroelectronics STP4NB100 Datasheet HTML 3Page - STMicroelectronics STP4NB100 Datasheet HTML 4Page - STMicroelectronics STP4NB100 Datasheet HTML 5Page - STMicroelectronics STP4NB100 Datasheet HTML 6Page - STMicroelectronics STP4NB100 Datasheet HTML 7Page - STMicroelectronics STP4NB100 Datasheet HTML 8Page - STMicroelectronics STP4NB100 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STP4NB100
STP4NB100FP
N - CHANNEL 1000V - 4
Ω - 3.8A - TO-220/TO-220FP
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) =4
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs with
outstanding performances. The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
October 1999
TO-220
TO-220FP
1
2
3
1
2
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
STP4NB100
ST P4NB100F P
VDS
Drain-source Voltage (VGS =0)
1000
V
VDGR
Drain- gat e Voltage (RGS =20 k
Ω)
1000
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC
3.8
3.8(*)
A
ID
Drain Current (continuous) at Tc = 100
oC
2.4
2.4(*)
A
IDM (
•)
Drain Current (pulsed)
15.2
15.2
A
Ptot
T otal Dissipation at Tc =25
oC
125
40
W
Derating F actor
1
0.32
W /
o C
dv/dt (1)
Peak Diode Recovery voltage slope
4
4
V/ns
VISO
Insulation Withstand Voltage (DC)
2000
V
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operating Junction T emperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 3.8A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
(*) Limited only by maximum temperature allowed
TYPE
VDSS
RDS(on)
ID
ST P4NB100
ST P4NB100FP
1000 V
1000 V
<4.4
Ω
<4.4
Ω
3.8 A
3.8 A
1/9


Similar Part No. - STP4NB100

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP4NB100 ISC-STP4NB100 Datasheet
398Kb / 2P
N-Channel MOSFET Transistor
STP4NB100FP ISC-STP4NB100FP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP4NB100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP2HNC60 STMICROELECTRONICS-STP2HNC60 Datasheet
328Kb / 9P
N-CHANNEL 600V - 4ohm - 2.2A TO-220/TO-220FP PowerMesh™ I MOSFET
May-2001
STP3NB100 STMICROELECTRONICS-STP3NB100 Datasheet
44Kb / 6P
N - CHANNEL 1000V - 5.3 ohm - 3 A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1998
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
May-2001
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh™ MOSFET
Apr-2003
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
Sep-2001
STP5NB100 STMICROELECTRONICS-STP5NB100 Datasheet
106Kb / 9P
N - CHANNEL 1000V - 2.4ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Feb-2000
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP7NB80 STMICROELECTRONICS-STP7NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
Apr-1999
STW5NB100 STMICROELECTRONICS-STW5NB100 Datasheet
54Kb / 5P
N - CHANNEL 1000V - 4ohm - 4.3A - TO-247 PowerMESH MOSFET
Jun-1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com