Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2E02 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLS2E02
Description  Loongson 2E: 700MHz 64-bit superscalar MIPS® based microprocessor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2E02 Datasheet(HTML) 3 Page - STMicroelectronics

  STLS2E02 Datasheet HTML 1Page - STMicroelectronics STLS2E02 Datasheet HTML 2Page - STMicroelectronics STLS2E02 Datasheet HTML 3Page - STMicroelectronics STLS2E02 Datasheet HTML 4Page - STMicroelectronics STLS2E02 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STLS2E02
Package information
3/5
2
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 2.
PBGA452 mechanical data & package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.460
0.0969
A1
0.360
0.0142
A2
1.730
0.0681
b
0.600
0.750
0.900 0.0236 0.0295 0.0354
D
35.000
1.3780
D1
31.750
1.2500
D2
30.000
1.1811
E
35.000
1.3780
E1
31.750
1.2500
E2
30.000
1.1811
e
1.270
0.0500
F
1.630
0.0642
H
22.500
23.500 0.8858
0.9252
ddd
0.200
0.0079
eee
0.300
0.0118
fff
0.150
0.0059
HS/PBGA452 (35x35x2.33mm)
Slug Plastic Ball Grid Array
7656604 A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com