Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN8810S12 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STN8810S12
Description  STn8810 mobile multimedia application processor with 1-Gbit NAND-Flash and 512-Mbit DDR mobile RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8810S12 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STN8810S12 Datasheet HTML 9Page - STMicroelectronics STN8810S12 Datasheet HTML 10Page - STMicroelectronics STN8810S12 Datasheet HTML 11Page - STMicroelectronics STN8810S12 Datasheet HTML 12Page - STMicroelectronics STN8810S12 Datasheet HTML 13Page - STMicroelectronics STN8810S12 Datasheet HTML 14Page - STMicroelectronics STN8810S12 Datasheet HTML 15Page - STMicroelectronics STN8810S12 Datasheet HTML 16Page - STMicroelectronics STN8810S12 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Additional memory devices
STn8810S12
12/16
3.2
DDR mobile RAM device
The 512-Mbit DDR mobile RAM is organized as 8,388,608 × 16 bits × 4 banks. It achieves
low power consumption and high-speed data transfer using a 2-bit prefetch pipeline
architecture.
Command and address inputs are synchronized with the positive edge of the clock. Data
inputs and outputs are synchronized with both edges of DQS (data strobe). DLL is not
implemented.
The device architecture is illustrated in
Figure 5.
Figure 5.
DDR mobile RAM architecture
3.3
External memory support
●
One chip-select available for external NAND Flash connection.
Bank 3
Bank 2
Bank 1
Command
decoder
Control
logic
Memory cell
array
Column decoder
Sense amplifier
Bank 0
Row
address
buffer
and
refresh
counter
Column
address
buffer
and
burst
counter
Data control circuit
Latch circuit
Input and output
buffer
/CS
/RAS
/CAS
/WE
Mode
register
CK
/CK
CKE
DQS
DM
DQ
Clock
generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com