Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN8815A12 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STN8815A12
Description  Mobile multimedia application processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8815A12 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STN8815A12 Datasheet HTML 14Page - STMicroelectronics STN8815A12 Datasheet HTML 15Page - STMicroelectronics STN8815A12 Datasheet HTML 16Page - STMicroelectronics STN8815A12 Datasheet HTML 17Page - STMicroelectronics STN8815A12 Datasheet HTML 18Page - STMicroelectronics STN8815A12 Datasheet HTML 19Page - STMicroelectronics STN8815A12 Datasheet HTML 20Page - STMicroelectronics STN8815A12 Datasheet HTML 21Page - STMicroelectronics STN8815A12 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Ordering information
STn8815A12
20/21
4
Ordering information
5
Revision history
Table 2.
Order codes
Part number
Package
Packing
STN8815D0A12H11E
TFBGA 12mm x 12mm x 1.2mm, 0.5mm pitch
Tray
Table 3.
Document revision history
Date
Revision
Changes
06-Sep-2007
1
Initial release.
28-Jan-2008
2
Updated the maximum frequency value to 393 MHz on the cover
page and in
Chapter 1: STn8815A12 overview.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com