Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4NB80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP4NB80
Description  N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NB80 Datasheet(HTML) 1 Page - STMicroelectronics

  STP4NB80 Datasheet HTML 1Page - STMicroelectronics STP4NB80 Datasheet HTML 2Page - STMicroelectronics STP4NB80 Datasheet HTML 3Page - STMicroelectronics STP4NB80 Datasheet HTML 4Page - STMicroelectronics STP4NB80 Datasheet HTML 5Page - STMicroelectronics STP4NB80 Datasheet HTML 6Page - STMicroelectronics STP4NB80 Datasheet HTML 7Page - STMicroelectronics STP4NB80 Datasheet HTML 8Page - STMicroelectronics STP4NB80 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STP4NB80
STP4NB80FP
N - CHANNEL 800V - 3
Ω - 4A - TO-220/TO-220FP
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 3
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced
family
of
power
MOSFETs
with
outstanding
performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
September 2001
TO-220
TO-220FP
1
2
3
1
2
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
STP4NB80
STP4NB80FP
VDS
Drain-source Voltage (VGS = 0)
800
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
800
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc = 25
oC
4
4(*)
A
ID
Drain Current (continuous) at Tc = 100
oC
2.4
2.4(*)
A
IDM(
•)
Drain Current (pulsed)
16
16
A
Ptot
Total Dissipation at Tc = 25
o C
100
35
W
Derating Factor
0.8
0.28
W/
oC
dv/dt(1)
Peak Diode Recovery voltage slope
4.5
4.5
V/ns
VISO
Insulation Withstand Voltage (DC)
2500
V
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
(1) ISD
≤4 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(*) Limited only by maximum temperature allowed
TYPE
VDSS
RDS(on)
ID
STP4NB80
STP4NB80FP
800 V
800 V
3.3
Ω
3.3
Ω
4 A
4 A
1/9


Similar Part No. - STP4NB80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP4NB80 ISC-STP4NB80 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP4NB80FP VBSEMI-STP4NB80FP Datasheet
2Mb / 9P
Power MOSFET
logo
Inchange Semiconductor ...
STP4NB80FP ISC-STP4NB80FP Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP4NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB4NB80 STMICROELECTRONICS-STB4NB80 Datasheet
52Kb / 6P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESHO MOSFET
Jun-1998
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP3NC50 STMICROELECTRONICS-STP3NC50 Datasheet
238Kb / 8P
N-CHANNEL 500V - 3ohm - 2.8A TO-220 PowerMesh™ I MOSFET
May-2001
STP4NB100 STMICROELECTRONICS-STP4NB100 Datasheet
109Kb / 9P
N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1999
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
May-2001
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh™ MOSFET
Apr-2003
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP5NB100 STMICROELECTRONICS-STP5NB100 Datasheet
106Kb / 9P
N - CHANNEL 1000V - 2.4ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Feb-2000
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP7NB80 STMICROELECTRONICS-STP7NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
Apr-1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com