Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN8820 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STN8820
Description  Mobile multimedia application processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8820 Datasheet(HTML) 3 Page - STMicroelectronics

  STN8820 Datasheet HTML 1Page - STMicroelectronics STN8820 Datasheet HTML 2Page - STMicroelectronics STN8820 Datasheet HTML 3Page - STMicroelectronics STN8820 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ordering information
STn8820
2/3
Ordering information
Revision history
Table 1.
Ordering information
Order code
Package
Packing
STN8820A0P12H11E
VFBGA 12 mm x 12 mm, 0.4mm pitch
Tray
Table 2.
Document revision history
Date
Revision
Changes
17-Jan-2008
1
Initial release.
08-Feb-2008
2
Updated the smart imaging accelerator feature in
Features.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com