Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0903BAB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV0903BAB
Description  Multi-standard advanced demodulator for satellite digital TV and data services set-top boxes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0903BAB Datasheet(HTML) 1 Page - STMicroelectronics

  STV0903BAB Datasheet HTML 1Page - STMicroelectronics STV0903BAB Datasheet HTML 2Page - STMicroelectronics STV0903BAB Datasheet HTML 3Page - STMicroelectronics STV0903BAB Datasheet HTML 4Page - STMicroelectronics STV0903BAB Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
August 2008
Rev 1
1/5
5
STV0903
Multi-standard advanced demodulator
for satellite digital TV and data services set-top boxes
Features
■ Demodulation
–DIRECTVTM and DVBS QPSK
– DVBS2 QPSK and 8PSK
– Digital Nyquist root filter with 0.20, 0.25,
0.35 excess bandwidth factors
■ Decoding
– Up to 95 mega channel bits per second
(Mcbps) at input to DVBS2 FEC
– Up to 130 Mcbps DVBS or DIRECTVTM at
input to legacy FEC
■ Interfaces
– Dedicated 27 MHz clock generation for
back-end decoder
–I2C serial bus interface
– JTAG interface - boundary scan
–DiSEqCTM 2.x interface
– GPIOs and interrupt lines
– Monitoring through I2C serial interface
– FSK modem
■ Technology
– 90 nm CMOS process
– Power saving features
■ Package
– LQFP-128-EP 14x14, 0.4 mm pitch, RoHS.
Description
STV0903 is a high performance satellite
demodulator capable of handling DVB-S,
DIRECTVTM legacy and DVBS2 (QPSK and
8PSK) constant coding and modulation signals for
satellite broadcast.
AGCRF
[IN, IP]
[QN, QP]
XTALI
XTALO
SCL, SDA
SDAT, SCLT
DISEQCIN
DISEQCOUT
FSKRX_IN
TAP
GPIO[13:1]
D[7:0]
CLKOUT
STROUT
DPN
ERROR
Dual
8-bit ADC
Slave I2C
manager
DiSEqCTM 2.0
manager
FSK manager
GPIO
switch matrix
JTAG
boundary
scan
Clock generation
ASIC controller
power management
and
Multi-standard demodulator
IO and
RF AGC
Multi roll-off
nyquist and
interpolation
filters
DVBS2
pilots
processor
and framing
Echo
concealment
equalizer
Demapper
Carrier
recovery
loop
Timing
recovery
loop
CNR
estimator
Lock indicator and
monitoring
DVBS2 FEC
Legacy FEC
Viterbi decoder
Inner de-interleaver
Reed-solomon decoder
Energy descrambler
LDPC decoder
BCH decoder
DVBS2 de-framing
CRC checker
Transport
stream
manager
FSKRX_OUT
FIFO Line 1
www.st.com


Similar Part No. - STV0903BAB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0900 STMICROELECTRONICS-STV0900 Datasheet
68Kb / 5P
Multistandard advanced dual demodulator for Satellite Digital TV and Data services set-top boxes
21-Dec-2006
More results

Similar Description - STV0903BAB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DTTI5516 STMICROELECTRONICS-DTTI5516 Datasheet
87Kb / 2P
Single module demodulator and decoder IC for digital video set-top boxes
Mar-2004
QAMI5516 STMICROELECTRONICS-QAMI5516 Datasheet
54Kb / 2P
Single module demodulator and decoder IC for digital video set-top boxes
March 2004
STB0899 STMICROELECTRONICS-STB0899 Datasheet
123Kb / 2P
Multistandard advance demodulator STB0899 Digital TV satellite set-top boxes
STV0900 STMICROELECTRONICS-STV0900 Datasheet
68Kb / 5P
Multistandard advanced dual demodulator for Satellite Digital TV and Data services set-top boxes
21-Dec-2006
STI5289 STMICROELECTRONICS-STI5289 Datasheet
93Kb / 4P
QPSK demodulator and advanced SD decoder SoC for set-top boxes
10-Jan-2011
logo
RFHIC
AD311 RFHIC-AD311_14 Datasheet
298Kb / 9P
Multi Tuner Set-Top Boxes
AD274 RFHIC-AD274 Datasheet
266Kb / 6P
Multi Tuner Set-Top Boxes
AD254 RFHIC-AD254 Datasheet
256Kb / 6P
Multi Tuner Set-Top Boxes
AD211 RFHIC-AD211 Datasheet
246Kb / 6P
Multi Tuner Set-Top Boxes
logo
STMicroelectronics
STV0910 STMICROELECTRONICS-STV0910 Datasheet
53Kb / 4P
Multi-standard advanced dual demodulator for satellite digital TV broadcast set-top boxes
12-Dec-2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com