Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412BDT Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV6412BDT
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412BDT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV6412BDT Datasheet HTML 17Page - STMicroelectronics STV6412BDT Datasheet HTML 18Page - STMicroelectronics STV6412BDT Datasheet HTML 19Page - STMicroelectronics STV6412BDT Datasheet HTML 20Page - STMicroelectronics STV6412BDT Datasheet HTML 21Page - STMicroelectronics STV6412BDT Datasheet HTML 22Page - STMicroelectronics STV6412BDT Datasheet HTML 23Page - STMicroelectronics STV6412BDT Datasheet HTML 24Page - STMicroelectronics STV6412BDT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
STV6412B
I²C bus selection
21/32
Table 20: TV and VCR selection
Reg
Addr
(Hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
02h
TV video output selection
3
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Y/CVBS muted &
chroma muted
Y/CVBS_ENC &
R/C_ENC
Y_ENC & C_ENC
Y/CVBS_VCR &
R/C_VCR
CVBS_AUX & chroma
muted
Not allowed
Not allowed
Not allowed
TV chroma output control
1
X
X
X
X
X
X
X
X
0
1
X
X
X
X
X
X
Chroma defined by
d2d1d0
Chroma force to mute
VCR video output
selection
3
X
X
X
X
X
X
X
X
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Y/CVBS muted &
chroma muted
Y/CVBS_ENC &
R/C_ENC
Y_ENC & C_ENC
CVBS_TV & chroma
muted
CVBS_AUX & chroma
muted
Not allowed
Not allowed
Not allowed
VCR chroma output
control
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Chroma defined by
d6d5d4
Chroma force to mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com