Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6415A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV6415A
Description  I²C bus-controlled video matrix switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6415A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV6415A Datasheet HTML 7Page - STMicroelectronics STV6415A Datasheet HTML 8Page - STMicroelectronics STV6415A Datasheet HTML 9Page - STMicroelectronics STV6415A Datasheet HTML 10Page - STMicroelectronics STV6415A Datasheet HTML 11Page - STMicroelectronics STV6415A Datasheet HTML 12Page - STMicroelectronics STV6415A Datasheet HTML 13Page - STMicroelectronics STV6415A Datasheet HTML 14Page - STMicroelectronics STV6415A Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
STV6415A
Electrical characteristics
11/15
2.8
Application diagram
Whenever an input is not used, it must be bypassed to ground through a 220 nF capacitor.
Note:
The application diagram presented here is an example only and is subject to change without
notice. The real application diagram will depend on application conditions and constraints.
Figure 9.
Application diagram
11
12
13
14
15
16
17
18
19
20
1
2
3
6
5
4
9
8
7
10
100 k
Ω
75
Ω
10
Ω
75
Ω
100 k
Ω
75
Ω
100 k
Ω
75
Ω
75
Ω
75
Ω
220 nF
220 nF
220 nF
220 nF
220 nF
100 µF
22 µF
220 nF
YEXT
VCC (10 V)
CVBS 3
Prog (Bus)
CINT
YINT
Clock (Bus)
CVBS 2
Data (Bus)
CVBS 1
22 µF
75
Ω
100 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
220 nF
75
Ω
CEXT
CVBSOUT2
YOUT2
CVBSOUT1
COUT2
COUT1
YOUT1
Y+C
Y, C
Adder
Y, C
Separator
Input
Ground
Output
Output
Output
Output
Output
Output
Ground
Input
Input
VCC
Input
Prog
Input
Input
Clock
Input
Input
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com