Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7710BMP Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV7710BMP
Description  Vaccum fluorescent display (VFD) driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7710BMP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV7710BMP Datasheet HTML 6Page - STMicroelectronics STV7710BMP Datasheet HTML 7Page - STMicroelectronics STV7710BMP Datasheet HTML 8Page - STMicroelectronics STV7710BMP Datasheet HTML 9Page - STMicroelectronics STV7710BMP Datasheet HTML 10Page - STMicroelectronics STV7710BMP Datasheet HTML 11Page - STMicroelectronics STV7710BMP Datasheet HTML 12Page - STMicroelectronics STV7710BMP Datasheet HTML 13Page - STMicroelectronics STV7710BMP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Circuit description
STV7710
10/21
4
Circuit description
4.1
Pin description
4.2
Data bus configuration
This table describes the position of the first data sampled by the first rising edge of the CLK
signal.
Table 5.
STV7710 pin description
Symbol
Function
Description
OUT(01-96)
Output
Power output
VSSP
Ground
Ground of power outputs
VPP
Supply
High voltage supply of power outputs
BLK
Input
Blanking input
POC
Input
Power output control input
F/R
Input
Selection of shift direction
VCC
Supply
5V logic supply
VSSLOG
Ground
Logic ground
VSSSUB
Ground
Substrate ground
CLK
Input
Clock of data shift register
STB
Input
Latch of data to outputs
DATA_A
Input/output
Shift register input
DATA_B
Input/output
Shift register output
TEST
Input
Test input pin
Table 6.
STV7710 data bus configuration
F/R
Input
Data shift
Output
CLK
01
02
03
04
05
06
...
91
92
93
94
95
96
H
DATA_A Output 01
02
030405
06
9192
93
94
9596DATA_B
Forward
shift
L
DATA_B Output 96
95
949392
91
0605
04
03
0201DATA_A
Reverse
shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com