Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7733/BMP Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV7733/BMP
Description  320 output dot-matrix display driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7733/BMP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV7733/BMP Datasheet HTML 20Page - STMicroelectronics STV7733/BMP Datasheet HTML 21Page - STMicroelectronics STV7733/BMP Datasheet HTML 22Page - STMicroelectronics STV7733/BMP Datasheet HTML 23Page - STMicroelectronics STV7733/BMP Datasheet HTML 24Page - STMicroelectronics STV7733/BMP Datasheet HTML 25Page - STMicroelectronics STV7733/BMP Datasheet HTML 26Page - STMicroelectronics STV7733/BMP Datasheet HTML 27Page - STMicroelectronics STV7733/BMP Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Pad dimensions (in microns)/pad positions
STV7733
26/28
VDD_DUMMY14
-7950.3
-700.9
51.0
73.1
VDD_DUMMY13
-8222.3
-700.9
51.0
73.1
VDD_DUMMY12
-8494.3
-700.9
51.0
73.1
VDD_DUMMY11
-8766.3
-700.9
51.0
73.1
VDD_DUMMY10
-9038.3
-700.9
51.0
73.1
VDD_DUMMY9
-9310.3
-700.9
51.0
73.1
VDD_DUMMY8
-9582.3
-700.9
51.0
73.1
VDD_DUMMY7
-9854.3
-700.9
51.0
73.1
VDD_DUMMY6
-10398.2
-700.9
51.0
73.1
VDD_DUMMY5
-10942.2
-700.9
51.0
73.1
VDD_DUMMY4
-11142.6
-666.9
73.1
51.0
VDD_DUMMY3
-11142.6
-598.9
73.1
51.0
VDD_DUMMY2
-11142.6
-496.9
73.1
51.0
VDD_DUMMY1
-11142.6
-428.9
73.1
51.0
VDD
-11142.6
-328.9
73.1
51.0
VSSS
-11142.6
-107.5
73.1
51.0
VSSL
-11142.6
164.7
73.1
51.0
MVDD
-11142.6
267.5
73.1
51.0
MVDD
-11142.6
335.5
73.1
51.0
HVDD
-11142.6
437.5
73.1
51.0
HVDD
-11142.6
505.5
73.1
51.0
VSSP
-11142.6
607.5
73.1
51.0
VSSP
-11142.6
675.5
73.1
51.0
1. Tolerance: +/- 3µm
Table 9.
Pad placement and bump dimensions (in microns) (continued)
Lead pad name
Pad placements
Bump dimensions(1)
X
Y
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com