Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV82X7
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV82X7 Datasheet HTML 22Page - STMicroelectronics STV82X7 Datasheet HTML 23Page - STMicroelectronics STV82X7 Datasheet HTML 24Page - STMicroelectronics STV82X7 Datasheet HTML 25Page - STMicroelectronics STV82X7 Datasheet HTML 26Page - STMicroelectronics STV82X7 Datasheet HTML 27Page - STMicroelectronics STV82X7 Datasheet HTML 28Page - STMicroelectronics STV82X7 Datasheet HTML 29Page - STMicroelectronics STV82X7 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 156 page
background image
Dedicated Digital Signal Processor (DSP)
STV82x7
26/156
The main features depend on the path:
● FM Channel
— DC Removal
— Prescaling
— De-emphasis (50 or 75 us)
—Stereo Dematrix
● NICAM Channel
— DC Removal
— Prescaling
— De-emphasis (J17)
— Dematrix
● Input SCART Channel
— DC Removal
— Prescaling
● Input I²S Channel
— I²S Prescaling
● Digital Audio Matrix
— Audio Channel Multiplexer between the different sources (IF, I²S, SCART) towards all
outputs (S/PDIF, LS, HP or SCART).
● Autostandard management
— device configuration depending on the standard to be detected
— freeze the device when a standard is detected
— once a standard detected, check that there is no change in the detection status
— set the correct action depending on any change in the detection status (mono backup or
mute setup and new standard detection)
● SCART
— Downmixing: LT / RT or L0 / R0 (see AC-3 specification)
— Soft Mute
4.2
Audio Processing
The following software is provided for main loudspeakers (L, R, C, LS, RS, SubW):
● Downmix
● Dolby
® Pro Logic II® Decoder (LT, RT → L, R, C, Ls, Rs, SubW) with Bass Management
● ST WideSurround, ST OmniSurround, SRS
® WOW™ or SRS® TruSurround XT® (certified
Virtual Dolby
® Surround and Virtual Dolby® Digital)
● ST Dynamic Bass
● Smart Volume Control (SVC)
● 5-band Equalizer or Bass-Treble
● Loudness
● Volume with independent channels (Smooth Volume Control)
● Master Volume Control
● Mute/soft-mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com