Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4820 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW4820
Description  Mixed-signal multimedia and power management IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4820 Datasheet(HTML) 3 Page - STMicroelectronics

  STW4820 Datasheet HTML 1Page - STMicroelectronics STW4820 Datasheet HTML 2Page - STMicroelectronics STW4820 Datasheet HTML 3Page - STMicroelectronics STW4820 Datasheet HTML 4Page - STMicroelectronics STW4820 Datasheet HTML 5Page - STMicroelectronics STW4820 Datasheet HTML 6Page - STMicroelectronics STW4820 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Overview
STw4820
2/6
1
Overview
1.1
Power management for platform
●
3 very low load/line transient step-down converters
–
for core DSP, I/Os, peripherals, external memories, DDR, SRAM
–
programmable from 0.8 up to 1.8 V
–
800 mA current capability
–
12.5 mV step for digital voltage frequency scaling
●
6 LDOs
–
for PLLs, processor permanent core, high-speed interface and peripherals
–
1.2 V to 3.3 V with current capability up to 200 mA.
1.2
Audio
●
Dual stereo codec
●
DAC: dynamic range and SNR > 100 dB
●
Multiple mixing capabilities and use case support
●
Two TDM 4-channel interfaces (configurable in I2S and PCM)
●
Switchable differential stereo inputs, line or microphone
●
Two digital microphone inputs able to manage 4 digital microphones
●
Differential microphone stereo inputs
●
AB class headset capless stereo amplifier
●
AB class earpiece differential amplifier
●
D class loudspeaker stereo amplifier (2 x 1 W)
●
D class vibrator differential amplifier
1.3
USB 2.O OTG interface
●
High-speed (480 Mb/s), full-speed (12 Mb/s) and low-speed (1.5 Mb/s) OTG
transceiver
●
UART mode
●
ULPI interface
●
VBUS charge pump can supply an external USB device (100 mA).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com