Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094AD/LF Datasheet(PDF) 12 Page - STMicroelectronics

Part # STW5094AD/LF
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094AD/LF Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STW5094AD/LF Datasheet HTML 8Page - STMicroelectronics STW5094AD/LF Datasheet HTML 9Page - STMicroelectronics STW5094AD/LF Datasheet HTML 10Page - STMicroelectronics STW5094AD/LF Datasheet HTML 11Page - STMicroelectronics STW5094AD/LF Datasheet HTML 12Page - STMicroelectronics STW5094AD/LF Datasheet HTML 13Page - STMicroelectronics STW5094AD/LF Datasheet HTML 14Page - STMicroelectronics STW5094AD/LF Datasheet HTML 15Page - STMicroelectronics STW5094AD/LF Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
11/51
STw5094A
2.11 Buzzer Output
The output BZ is intended to drive a Buzzer, via an external BJT, with a squarewave pulse width modu-
lated (PWM) signal. The frequency of the signal is stored in CR13 (see Tone Generator section and
Table 1 for frequency values). For some applications it is also possible to multiply this PWM signal with a
squarewave signal having a frequency stored in CR14. The duty cycle of the buzzer output can be varied
in CR15 in order to change the buzzer volume. Maximum load for BZ is 5k
Ω and 50pF
2.12 Voice Data Interface (PCM I
⁄ F)
The PCM I
⁄ F is used to exchange the Voice data in both TX and RX direction, it can be programmed for
linear format data or companded A-law or
µ-law format (see Fig.1, 2 and 3).
Frame Sync input FS determines the beginning of frame. It may have any duration from a single cycle of
MCLK to a squarewave. Three different relationships may be established between the Frame Sync input
and the first time slot of the frame by setting bits DM in CR1. In non delayed normal and reverse data mode
(long frame timing) the first time slot starts at the rising edge of FS. In delayed data mode (short frame
sync timing) FS input must be high for at least a half cycle of MCLK before the frame start.
When linear code is selected (bit CM =0 in CR0) the MSB is transmitted and received first, the word length
is 16 bit. When companded code is selected (bit CM =1 in CR0) a time slot assignment may be used in
all timing modes (bit TS in CR1), that allows connection to one of the two B1 and B2 voice data channels.
Two data formats are available: in Format 1, time slot B1 corresponds to the 8 MCLK cycles that immedi-
ately follow the rising edge of FS, while time slot B2 corresponds to the 8 MCLK cycles that immediately
follow time slot B1. In Format 2, time slot B1 is identical to Format 1 while time slot B2 appears two bit
slots after time slot B1. This two bits space is left available for insertion of the D channel data. Data format
is selected by bit FF in CR0.
Bit EN in CR1 enables or disables data transfer on DX and DR.
Outside the selected time slot DX is in the high impedance condition. During the selected time slot the DX
output and the DR input are synchronized as follow:
-If delayed or non-delayed modes are selected the transmit voice data is sent to DX output on the
rising edges of MCLK and receive voice data is read at DR input on the falling edges of MCLK.
-If non-delayed reverse mode is selected the transmit voice data register is sent to DX output on the
falling edges of MCLK and receive voice data is read at DR input on the rising edges of MCLK.
When 16kHz Frame Sync frequency is selected (bit VFS in CR0) the RX and TX filters are both low-pass
and their cutoff frequencies are doubled.
It is possible to access the B channel data when companded A-law or
µ-law formats are used (bits MX and
MR in CR1). A byte written into CR3A will be sent to DX output in place of the transmit channel PCM data.
A byte written in CR2A will be sent to the receive path. The current byte received on DR input can be read
in CR2A.
2.13 Audio Data Interface (Au I
⁄ F)
The Au I
⁄ F is used to receive the Stereo Audio data. The pins related to the Au I⁄ F are: the frame syn-
chronism or Left/Right indicator LRCK, the serial bit clock SCK, and the serial data input SDI. LRCK and
SCK can be input or output depending if the Au I
⁄ F is configured in Slave or Master mode.
The interface can be configured in 5 different modes programming bits SPIM, MSM and DSPM in CR17.
In each mode different parameters (word length, signal polarity etc.) can be set writing CR16.
The MSM bit selects if Au I
⁄ F is Master or Slave. When MSM=0 the Au I ⁄ F is Slave: the serial bit clock
SCK and the frame sync LRCK are input to the device. When MSM=1 the Au I
⁄ F is Master: SCK and
LRCK are generated inside the device. The frequency of LRCK is programmed in CR2B and CR3B while
its shape and the frequency of SCK change automatically with the selected mode (see paragraph below).
Master mode is not available when the Au I
⁄ F is configured in SPI-mode (SPIM=1) regardless of the
value of MSM.
The 5 possible mode modes are:
I2S-Mode Slave (SPIM=0, MSM=0 and DSPM=0) in this mode the Au I
⁄ F is I2S compatible (see Fig. 5
and 10) and the bit clock SCK and the left/right indicator LRCK signals are input to the device. SCK must
have 16 periods per channel in case of 16bit data word and 32 periods per channel in case of 18bit to 24bit
data word. SCK can be either a continuous clock or a sequence of bursts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com