Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STW5098
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STW5098_07 Datasheet HTML 28Page - STMicroelectronics STW5098_07 Datasheet HTML 29Page - STMicroelectronics STW5098_07 Datasheet HTML 30Page - STMicroelectronics STW5098_07 Datasheet HTML 31Page - STMicroelectronics STW5098_07 Datasheet HTML 32Page - STMicroelectronics STW5098_07 Datasheet HTML 33Page - STMicroelectronics STW5098_07 Datasheet HTML 34Page - STMicroelectronics STW5098_07 Datasheet HTML 35Page - STMicroelectronics STW5098_07 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 86 page
background image
STw5098
Control registers
31/85
Table 4.
CR1 description
Bits
Name
Value
CR1 description
Def.
7
ENADCL
1
0
The left channel A/D converter is enabled
The left channel A/D converter is in power down
0
6
ENADCR
1
0
The right channel A/D converter is enabled
The right channel A/D converter is in power down
0
5ENDACL
1
0
The left channel D/A converter is enabled
The left channel D/A converter is in power down
0
4ENDACR
1
0
The right channel D/A converter is enabled
The right channel D/A converter is in power down
0
3ENMICL
1
0
The left channel microphone preamplifier is enabled
The left channel microphone preamplifier is in power down
0
2ENMICR
1
0
The right channel microphone preamplifier is enabled
The right channel microphone preamplifier is in power down
0
1ENLINL
1
0
The left channel line-in preamplifier is enabled
The left channel line-in preamplifier is in power down
0
0ENLINR
1
0
The right channel line-in preamplifier is enabled
The right channel line-in preamplifier is in power down
0
Table 5.
CR2 description
Bit #
Name
Value
CR2 Description
Def.
7ENLOL
1
0
The left channel line out driver is enabled
The left channel line out driver is in power down (default)
0
6ENLOR
1
0
The right channel line out driver is enabled
The right channel line out driver is in power down (default)
0
5
ENHPL
1
0
The left channel headphones driver is enabled
The left channel headphones driver is in power down (default)
0
4
ENHPR
1
0
The right channel headphones driver is enabled
The right channel headphones driver is in power down (default)
0
3
ENHPVCM
1
0
The headphones reference voltage generator is enabled
The headphones reference voltage generator is in power down (def)
0
2
1ENEAR
1
0
The 32
Ω earphone amplifier is enabled
The 32
Ω earphone amplifier is in power down (default)
0
2ENLS
1
0
The 8
Ω loudspeaker amplifier is enabled
The 8
Ω loudspeaker amplifier is in power down (default)
0
1ENMIXL
1
0
The left channel analog output mixer is enabled
The left channel analog output mixer is in power down (default)
0
0ENMIXR
1
0
The right channel analog output mixer is enabled
The right channel analog output mixer is in power down (default)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com