Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5210 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW5210
Description  24-bit, 103 dB SNR audio DAC with playback time extender
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5210 Datasheet(HTML) 3 Page - STMicroelectronics

  STW5210 Datasheet HTML 1Page - STMicroelectronics STW5210 Datasheet HTML 2Page - STMicroelectronics STW5210 Datasheet HTML 3Page - STMicroelectronics STW5210 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Block diagram
STw5210
2/3
1
Block diagram
Figure 1.
STw5210 block diagram
2
Ordering information
3
Revision history
Table 1.
Order codes
Part number
Package
Packing
STW52100K/HK
TFBGA40(1) 4 mm x 4 mm x 1.2mm, pitch 0.5 mm
1.
ECOPACK® package
Tray
STW52100KT/HF
TFBGA40(1) 4 mm x 4 mm x 1.2mm, pitch 0.5 mm
Tape and reel
STW521062/HF
VQFPN44(1) 7mm x 7mm x 1 mm, pitch 0.5mm
Tray
STW521062T/HF
VQFPN44(1) 7 mm x 7 mm x 1 mm, pitch 0.5 mm
Tape and reel
STW521025T/LF
WLCSP36(1) 2.6 mm x 2.6 mm x 0.6 mm, pitch 0.4 mm Tape and reel
Table 2.
Document revision history
Date
Revision
Changes
24-Jan-2008
1
Initial release.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com