Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009B27R/LF Datasheet(PDF) 21 Page - STMicroelectronics

Part # STW8009B27R/LF
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009B27R/LF Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STW8009B27R/LF Datasheet HTML 17Page - STMicroelectronics STW8009B27R/LF Datasheet HTML 18Page - STMicroelectronics STW8009B27R/LF Datasheet HTML 19Page - STMicroelectronics STW8009B27R/LF Datasheet HTML 20Page - STMicroelectronics STW8009B27R/LF Datasheet HTML 21Page - STMicroelectronics STW8009B27R/LF Datasheet HTML 22Page - STMicroelectronics STW8009B27R/LF Datasheet HTML 23Page - STMicroelectronics STW8009B27R/LF Datasheet HTML 24Page - STMicroelectronics STW8009B27R/LF Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
Functional description
STw8009/STw8019
20/65
4.13.1
Operating modes
STw80x9 can be in the following operating modes.
●
OFF
–
1.2V/1.4V, 1.8V/2.8V, 2.8V/3.3V are not present.
–
All values from STw80x9 registers are lost.
●
Sleep
–
1.2V/1.4V, 1.8V/2.8V, 2.8V/3.3V are present.
–
The suspend signal is active.
–
The DACs are in their minimum power consumption mode.
–
All values from the STw80x9 registers are lost.
–
The 27 MHz pixel clock must be activated
●
Standby
–
All power supplies are present: 1.2V/1.4V, 1.8V/2.8V, 2.8V/3.3V.
–
The 27 MHz pixel clock must be activated.
–
The suspend signal is inactive.
–
STw80x9 is set in standby mode by programming the Control and power
Management Unit registers (Reg 128 to 132) through the 2 wire serial MPU
interface. STw80x9 saves the register values.
–
The other registers (Reg 00 to 109) are not accessible in this mode.
–
The DACs are in their minimum power consumption mode.
–
This mode is a low power state that enables a fast switching to active mode.
●
Active
–
All power supplies are present: 1.2V/1.4V, 1.8V/2.8V, 2.8V/3.3V.
–
STw80x9 receives the 27 MHz pixel clock.
–
The suspend signal is inactive.
–
STw80x9 is placed in active mode by programming the control and power
management unit registers (Reg 128 to 132), through the 2 wire serial MPU
interface. STw80x9 saves the register values.
–
The 27 MHz pixel clock is distributed in all STw80x9.
The DACs are supplied by the 2.8 /3.3 V and can be individually activated or deactivated.
For example only one DAC in CVBS output and both DACs in Y/C output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com