Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8019B27R/LF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW8019B27R/LF
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8019B27R/LF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW8019B27R/LF Datasheet HTML 3Page - STMicroelectronics STW8019B27R/LF Datasheet HTML 4Page - STMicroelectronics STW8019B27R/LF Datasheet HTML 5Page - STMicroelectronics STW8019B27R/LF Datasheet HTML 6Page - STMicroelectronics STW8019B27R/LF Datasheet HTML 7Page - STMicroelectronics STW8019B27R/LF Datasheet HTML 8Page - STMicroelectronics STW8019B27R/LF Datasheet HTML 9Page - STMicroelectronics STW8019B27R/LF Datasheet HTML 10Page - STMicroelectronics STW8019B27R/LF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
Overview
STw8009/STw8019
6/65
1
Overview
STw80x9 is aimed at mobile video Digital ENCoder (DENC). This device converts digital
video signals into high quality analog signal compliant with TV standards, it is able to
encode interlaced (in all standards) and non-interlaced (in PAL and NTSC).
Featuring ultra low power consumption, it suits perfectly mobile appliances that interface
occasionally with TV sets or VCRs. It is also the ideal companion for digital application
processors such as ST’s Nomadik family.
To minimize PCB space usage, the device features a high level of integration. The 35 mA
high performance DAC allows direct drive of 37.5
Ω load.
STw80x9 drives directly the video input, CVBS of a TV set or the Y/C video input of a VCR
through optional ESD protection devices. It is powered by three voltage supplies, 2.8V/3.3V,
1.8V/2.8V and 1.2V/1.4V (VccA, VI/O, Vdd).
The 27 MHz clock and the device power management are controlled through the digital
processor interface [PORn, Suspend and 2-wire I2C compatible serial MPU]. This digital
processor interface also controls the operating modes (off, sleep, standby and active).
Figure 1.
Application diagram
Naming convention
Unless clearly specified in the document, STw80x9 stands for both STw8009 and STw8019.
Video
Digital
processor
STw80x9
Clk
TV set
or
VCR
Supply
Vdd Vo VccA
YCbCr
PORn
I2C
Suspend
Vdd Vo VccA
C/CVBS
Y
ESD
protection
75
Ω
75
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com